Electronic Components Datasheet Search
  English  ▼

X  

ACT5880 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 2Page - Active-Semi, Inc ACT5880 Datasheet HTML 3Page - Active-Semi, Inc ACT5880 Datasheet HTML 4Page - Active-Semi, Inc ACT5880 Datasheet HTML 5Page - Active-Semi, Inc ACT5880 Datasheet HTML 6Page - Active-Semi, Inc ACT5880 Datasheet HTML 7Page - Active-Semi, Inc ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc ACT5880 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 6 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
PIN CONFIGURATION
TOP VIEW
81 balls FC FBGA (Pitch: 0.5mm; Ball: 0.3mm)
G
F
E
A
B
C
D
7
6
5
1234
H
J
89
SW3
SW3
GP3
OUT3 INL45 CHGIN VBAT VBAT ACIN CHGLEV
FB3 nRSTO CHGIN
GP3
nIRQ BATID nSTAT
TH
PWRHLD INL89 OUT4 CHGIN VBAT
INL6 nPBIN nPBSTAT
HFPWR
OUT9 OUT8 OUT5
INL7
OUT6 OUT7
EN6
EN9
ODO3
ODO2 OUT11INL1011 OUT10 GP2
GP2
SW2
SW2
GLED
ODO1 OUT13 INL1213 GA
REFBP OUT2
VP2
VP2
GP1
SW1
GP1 OUT12 VSYS
VD
XNEG YPOS YNEG
SW1
VP1
VSEL
SCL
SDA VALIVE AUX0
GD
XPOS
SW1
VP1
OUT1 XTAL- XTAL+ VBBAT AUX1 BBCIN AUX2
CLK32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com