Electronic Components Datasheet Search
  English  ▼

X  

ACT5880 Datasheet(PDF) 54 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 54 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 50Page - Active-Semi, Inc ACT5880 Datasheet HTML 51Page - Active-Semi, Inc ACT5880 Datasheet HTML 52Page - Active-Semi, Inc ACT5880 Datasheet HTML 53Page - Active-Semi, Inc ACT5880 Datasheet HTML 54Page - Active-Semi, Inc ACT5880 Datasheet HTML 55Page - Active-Semi, Inc ACT5880 Datasheet HTML 56Page - Active-Semi, Inc ACT5880 Datasheet HTML 57Page - Active-Semi, Inc ACT5880 Datasheet HTML 58Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 54 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
TSC ADC ELECTRICAL CHARACTERISTICS
(VVBAT = VVD = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Operation Voltage Range
VVD
2.9
5.5
V
Reference Voltage (VREF)
TA = -40°C to +85°C
2.5
Maximum Available Resolution
CLEN=0
12
bits
Full Scale Dynamic Range at
Input (FSDRNOTE1)
XPOS, YPOS, XNEG, YNEG, AUX0, AUX1, AUX2.
VREF
V
AUX3
6.024
Absolute DC Conversion Error
AUX3, measured with VVBAT=3.9V.
-21
21
mV
TSC Conversion Time
(
Counts of internal clock cycles
of the device)
CLEN=0(for 12 bits resolution), Switch frequency
2MHz.
225
μs
INLNOTE2
The standard deviation plus the 1st movement of the
worst. INL and DNL are from DC sweep histogram
analysis; Offset and Gain Error are from least square
linear approximation, from data of input in 10% to 90%
FSDR; Effective Numbers of Bits is the worst
FWHMNOTE3 of reading a DC volume in same range.
Test on channel 0 to channel 6 only, 12 bits
conversion.
-4
5
DNLNOTE2
-1
1
OffsetNOTE2
8
Gain ErrorNOTE2
1.5
Effective Numbers of BitsNOTE2
bit
Input Impedance
11
MΩ
Input capacitance
32
pF
Input leakage Current
0.1
μA
Touch Detection Trap
Thresholds
Voltage at the XPOS when pen touch trapped.
1
V
Force Current
At force driving voltage drop 5%.
17
mA
Force Switch On-Impedance
4
Ω
Conversion Operation Current
210
μA
Shutdown Current
1
LSB
Note: Guaranteed by design verification, characterization and production process control.
NOTE1: DC Full Scale Dynamic Range at input.
NOTE2: Guaranted by design verfication, characterization and production process control.
NOTE3: Full Width of Half Magnititude.
See The TYPICAL PERFORMANCE CHARACTERISTICS for:
The DC Sweep Histogram DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com