Electronic Components Datasheet Search
  English  ▼

X  

AM9800 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AM9800
Description  Three Phase Direct PWM Sensorless Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9800 Datasheet(HTML) 5 Page - Diodes Incorporated

  AM9800 Datasheet HTML 1Page - Diodes Incorporated AM9800 Datasheet HTML 2Page - Diodes Incorporated AM9800 Datasheet HTML 3Page - Diodes Incorporated AM9800 Datasheet HTML 4Page - Diodes Incorporated AM9800 Datasheet HTML 5Page - Diodes Incorporated AM9800 Datasheet HTML 6Page - Diodes Incorporated AM9800 Datasheet HTML 7Page - Diodes Incorporated AM9800 Datasheet HTML 8Page - Diodes Incorporated AM9800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
Three Phase Direct PWM Sensorless Motor Driver
AM9800
Sep. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
5
Recommended Operating Conditions (TA=25°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.2
6
V
Operating Temperature
TOP
-30
95
°C
Electrical Characteristics
VCC =5V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current 1
ICC1
VPWM=VCC
2
2.5
mA
Supply Current 2
ICC2
VPWM=0V
20
50
µA
VG Output Voltage
VG
9.7
V
Upper Transistor Resistance
RONH
IOUT=0.5A
1
1.5
Ω
Lower Transistor Resistance
RONL
IOUT=0.5A
1
1.5
Ω
Upper & Lower Transistor
Resistance Total
RON(H+L) IOUT=0.5A
2
3
Ω
OSC Frequency
fOSC
COSC=2200pF
1.0
kHz
PWM Pin High-level Input
Voltage
VPWMH
VCC×0.8
VCC
V
PWM Pin Low-level Input
Voltage
VPWML
0
VCC×0.2
V
PWM Pin Input Current
IPWM
VPWM=0V
-50
-20
µA
PWM Input Frequency
fPWM
20
25
50
kHz
FG Low Level Voltage
VFG
IFG=0.5mA
0.2
V
RF Limiter Voltage
VRF
RF=0.5Ω
0.225
0.25
0.275
V
Lock Detection ON Time
tON
2
s
Lock Detection OFF Time
tOFF
4
s
Thermal
Protection
Temperature
TSD
175
°C
Temperature
Hysteresis
Width
∆TSD
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com