Electronic Components Datasheet Search
  English  ▼

X  

AM9800 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AM9800
Description  Three Phase Direct PWM Sensorless Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9800 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AM9800 Datasheet HTML 3Page - Diodes Incorporated AM9800 Datasheet HTML 4Page - Diodes Incorporated AM9800 Datasheet HTML 5Page - Diodes Incorporated AM9800 Datasheet HTML 6Page - Diodes Incorporated AM9800 Datasheet HTML 7Page - Diodes Incorporated AM9800 Datasheet HTML 8Page - Diodes Incorporated AM9800 Datasheet HTML 9Page - Diodes Incorporated AM9800 Datasheet HTML 10Page - Diodes Incorporated AM9800 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
Three Phase Direct PWM Sensorless Motor Driver
AM9800
Sep. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
Mechanical Dimensions
SSOP-16
Unit: mm(inch)
3.800(0.150)
4.000(0.157)
0.200(0.008)
0.300(0.012)
0.800(0.031)
0.635(0.025)
BSC
0.900(0.035)
1.000(0.039)
0.100(0.004)
0.250(0.010)
1.350(0.053)
1.750(0.069)
0.400(0.016)
1.270(0.050)
4.700(0.185)
5.100(0.201)
5.800(0.228)
6.200(0.244)
0.650(0.026)
0.750(0.030)
0.200(0.008)
0.250(0.010)
1.350(0.053)
1.550(0.061)
0.020(0.001)
0.050(0.002)
R0.150(0.006)
R0.150(0.006)
0.250(0.010)
SEE
DETAIL A
7
7
8
8
0.150(0.006)
0.250(0.010)
0
8
Φ
DETAIL A
°
°
°
°
°
°
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com