Electronic Components Datasheet Search
  English  ▼

X  

AM9800 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AM9800
Description  Three Phase Direct PWM Sensorless Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9800 Datasheet(HTML) 4 Page - Diodes Incorporated

  AM9800 Datasheet HTML 1Page - Diodes Incorporated AM9800 Datasheet HTML 2Page - Diodes Incorporated AM9800 Datasheet HTML 3Page - Diodes Incorporated AM9800 Datasheet HTML 4Page - Diodes Incorporated AM9800 Datasheet HTML 5Page - Diodes Incorporated AM9800 Datasheet HTML 6Page - Diodes Incorporated AM9800 Datasheet HTML 7Page - Diodes Incorporated AM9800 Datasheet HTML 8Page - Diodes Incorporated AM9800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
Three Phase Direct PWM Sensorless Motor Driver
AM9800
Sep. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AM9800
-
Circuit Type
Package
Temperature Range
Part Number
Marking ID
Packing Type
AM9800GS-G1
AM9800GS-G1
Tube
SSOP-16
-30 to 95
°C
AM9800GSTR-G1
AM9800GS-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS
compliant and green.
Absolute Maximum Ratings (TA=25°C, Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
6.5
V
Pre-drive Voltage (Gate Voltage)
VG
10
V
Output Current
IOUT
0.7
A
PWM Input Withstand Voltage
VPWM
VCC
V
FG Output Withstand Voltage
VFG
6
V
FG Output Current
IFG
5
mA
Power Dissipation1 (Independent IC)
PD1
0.3
W
Power Dissipation2 (Note 2)
PD2
0.8
W
Ambient Temperature (Note 3)
TA
-40 to 105
°C
Storage Temperature
TSTG
-55 to 150
°C
ESD (Human Body Model)
4000
V
ESD (Machine Model)
300
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Note 2: When mounted on 76.1mm×114.3mm×1.6mm glass epoxy board.
Note 3: TJ=150°C. Use the IC in the range where the temperature of the chip does not exceed TJ=150°C during
operation.
G1: Green
TR: Tape & Reel
Blank: Tube
Package
GS: SSOP-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com