Electronic Components Datasheet Search
  English  ▼

X  

AM9800 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AM9800
Description  Three Phase Direct PWM Sensorless Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9800 Datasheet(HTML) 1 Page - Diodes Incorporated

  AM9800 Datasheet HTML 1Page - Diodes Incorporated AM9800 Datasheet HTML 2Page - Diodes Incorporated AM9800 Datasheet HTML 3Page - Diodes Incorporated AM9800 Datasheet HTML 4Page - Diodes Incorporated AM9800 Datasheet HTML 5Page - Diodes Incorporated AM9800 Datasheet HTML 6Page - Diodes Incorporated AM9800 Datasheet HTML 7Page - Diodes Incorporated AM9800 Datasheet HTML 8Page - Diodes Incorporated AM9800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
Three Phase Direct PWM Sensorless Motor Driver
AM9800
Sep. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AM9800 is a direct PWM driver IC designed for
three-phase brushless motors. Also, by using highly
silent PWM drive, switching current of the phase
with a smooth slope reduces the sound of slewing
motor, and makes high-efficiency drive a reality by a
synchronous commutation.
The device is build-in lock protection. When the fan
is locked, the device will enter the lockup protection
mode. It is also equipped with thermal shutdown
function and forward or reverse rotation selection. In
normal operation, supply current is less than 2mA,
but in PWM=0 mode it is just around 20
µA.
The AM9800 is available in SSOP-16 package.
Features
•
Speed Controllable by PWM Input Signal
•
Sensorless Drive
•
Soft Switched Drive
•
Build-in Forward/Reverse Switching Circuit
•
Power Saving Function in a Stopped State: 2mA
and PWM=0 State: 20
µA
•
Build-in Current Limiter Circuit
•
Build-in Lock Protection and Auto-restart
•
Built-in Over Current Protection
•
Built-in Thermal Shutdown Circuit
•
ESD Rating: 4000V (Human Body Model)
300V (Machine Model)
Applications
•
CPU Cooler Fan in Notebook Personal
Computers
Figure 1. Package Type of AM9800
SSOP-16


Similar Part No. - AM9800

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM9858 AMTEK-AM9858 Datasheet
599Kb / 16P
180 Deg BLDC Motor Driver for Optical Storage AM9858
Jun. 2013 V1.6P
AM9858P AMTEK-AM9858P Datasheet
599Kb / 16P
180 Deg BLDC Motor Driver for Optical Storage AM9858
Jun. 2013 V1.6P
More results

Similar Description - AM9800

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
Three-Phase Sensorless Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
Three-Phase Brushless Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
Three-Phase Sensorless VCR Drum Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
Three-Phase Sensorless Motor Driver
May, 2013
LB11620GP ONSEMI-LB11620GP Datasheet
181Kb / 15P
Three-Phase Direct PWM Brushless Motor Driver
April 2016- Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com