Electronic Components Datasheet Search
  English  ▼

X  

AM9800 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AM9800
Description  Three Phase Direct PWM Sensorless Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9800 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AM9800 Datasheet HTML 3Page - Diodes Incorporated AM9800 Datasheet HTML 4Page - Diodes Incorporated AM9800 Datasheet HTML 5Page - Diodes Incorporated AM9800 Datasheet HTML 6Page - Diodes Incorporated AM9800 Datasheet HTML 7Page - Diodes Incorporated AM9800 Datasheet HTML 8Page - Diodes Incorporated AM9800 Datasheet HTML 9Page - Diodes Incorporated AM9800 Datasheet HTML 10Page - Diodes Incorporated AM9800 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
Three Phase Direct PWM Sensorless Motor Driver
AM9800
Sep. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
9
Application Information (Continued)
Figure 11. Rotation Mode Waveform (PWM Mode)
(f=25kHz, VH=5V, VL=0V, Duty Cycle=50%)
8. Soft Switching Circuit
AM9800 adopts variable duty soft switching to
minimize the motor drive noise. Figure 12 shows
how soft switching circuit works during the fan
rotation.
Figure 12. Soft Switching Waveform
9. Current Limiter Circuit
The driver current is detected by connecting a resistor
between RF pin (pin 15) and ground. The current
limiter circuit limits the output current peak value to
a level determined by the equation I=VRF/RF
(VRF=0.25V typical).
10. OSC Circuit
A capacitor must be connected between OSC pin (Pin
7) and ground. When a capacitor is connected, the
OSC pin starts self-oscillation, and its frequency
becomes the startup frequency. Figure 13 shows a fan
system’s OSC Waveform.
Figure 13. OSC Waveform (COSC=2200pF)
11.Position Detector Comparator Circuit
for Rotor
The position detector comparator circuit for the rotor
is a comparator for detecting rotor positional
information with the back EMF signal generated
when the motor rotates. The IC determines the timing
at which the output block applies current to the motor
based on the position information obtained here. A
capacitor (between 1000 and 10000pF) must be
connected between COMIN pin (pin 5) and the FIL
pin (pin 6) to prevent any motor startup misoperation
that is caused by the comparator input noise.
12.FG Output Circuit
FG output pin (pin 10) provides a pulse signal
equivalent to what provided by systems using a
Hall-effect sensor. A pull-up resistor (10kΩ is
recommended) must be connected between FG pin
and the power supply. Figure 14 shows the FG output
signal when the fan rotates.
Figure 14. FG Output Signal
13. Lock Shutdown and Auto Restart
This IC detects the rotation of the motor by internal
circuit block, and adjusts lock detection ON time (tON)
and lock detection OFF time (tOFF) by internal counter.
tON and tOFF are shown as below:
Figure 15. Lock Mode
VUO
5V/div
VVO
5V/div
VWO
5V/div
-IWO
100mA/div
Time
5ms/div
VUO
5V/div
VVO
5V/div
VWO
5V/div
-IWO
200mA/div
Time
200
µs/div
VUO
5V/div
VVO
5V/div
VFG
5V/div
VOSC
100mV/div
Time
500
µs/div
Time
5ms/div
Time
1s/div
VUO
5V/div
VVO
5V/div
VWO
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com