Electronic Components Datasheet Search
  English  ▼

X  

AM9789 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM9789 Datasheet HTML 2Page - Diodes Incorporated AM9789 Datasheet HTML 3Page - Diodes Incorporated AM9789 Datasheet HTML 4Page - Diodes Incorporated AM9789 Datasheet HTML 5Page - Diodes Incorporated AM9789 Datasheet HTML 6Page - Diodes Incorporated AM9789 Datasheet HTML 7Page - Diodes Incorporated AM9789 Datasheet HTML 8Page - Diodes Incorporated AM9789 Datasheet HTML 9Page - Diodes Incorporated AM9789 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
VCC =5V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operation Current
ICC1
Rotation Mode
2
4
mA
Standby Current
ICC2
VPWM=0
130
200
µA
HB Pin Output Voltage
VHB
IHB=5mA
1.1
1.3
1.5
V
Lock Detection ON Time
tON
0.3
0.4
0.5
s
Lock Detection OFF Time
tOFF
3
4
5
s
Quick Start Enable Time
tQS
55
75
ms
Output Drivers Saturation
Voltage
VSAT(H+L)
IOUT=250mA, upper
and lower total
0.5
0.7
V
Input-Output Gain
GIO
VOUT/(VHIN+-VHIN-)
44
47
50
dB
FG Pin Low Voltage
VFG
IFG=5mA
0.2
0.3
V
FG Pin Leakage Current
IFGL
VFG=5V
0.1
1
µA
PWM Input High Level
Voltage
VPWMH
0.5×VCC
VCC
V
PWM Input Low Level
Voltage
VPWML
0
0.2×VCC
V
PWM Input Frequency
fPWM
0.02
50
kHz
Hall Input Offset Voltage
VHOFS
±10
mV
Hall
Input
Hysteresis
Voltage
VHYS
±5
±10
±15
mV
Thermal
Protection
Temperature
TSD
165
°C
Thermal Hysteresis Width
△T
SD
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com