Electronic Components Datasheet Search
  English  ▼

X  

AM9789 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AM9789 Datasheet HTML 10Page - Diodes Incorporated AM9789 Datasheet HTML 11Page - Diodes Incorporated AM9789 Datasheet HTML 12Page - Diodes Incorporated AM9789 Datasheet HTML 13Page - Diodes Incorporated AM9789 Datasheet HTML 14Page - Diodes Incorporated AM9789 Datasheet HTML 15Page - Diodes Incorporated AM9789 Datasheet HTML 16Page - Diodes Incorporated AM9789 Datasheet HTML 17Page - Diodes Incorporated AM9789 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
14
Mechanical Dimensions
MSOP-10
Unit: mm(inch)
0.820(0.032)
1.100(0.043)
0°
6°
0.090(0.004)
0.230(0.009)
0.750(0.030)
0.950(0.037)
0.280(0.011)
0.180(0.007)
0.500(0.020)
TYP
3.100(0.122)
2.900(0.114)
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com