Electronic Components Datasheet Search
  English  ▼

X  

AM9789 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AM9789 Datasheet HTML 3Page - Diodes Incorporated AM9789 Datasheet HTML 4Page - Diodes Incorporated AM9789 Datasheet HTML 5Page - Diodes Incorporated AM9789 Datasheet HTML 6Page - Diodes Incorporated AM9789 Datasheet HTML 7Page - Diodes Incorporated AM9789 Datasheet HTML 8Page - Diodes Incorporated AM9789 Datasheet HTML 9Page - Diodes Incorporated AM9789 Datasheet HTML 10Page - Diodes Incorporated AM9789 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
Figure 4. Supply Current vs. Supply Voltage (VPWM=VCC)
Figure 5. Supply Current vs. Supply Voltage (VPWM=0V)
Figure 6. Saturation Voltage vs. Output Current
Figure 7. Power Dissipation vs. Temperature (MSOP)
0
123456
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Supply Voltage (V)
Operation Mode
V
PWM
=V
CC
01
23
456
0
50
100
150
200
Supply Voltage (V)
Standby Mode
V
PWM
=0V
0
100
200
300
400
500
0
200
400
600
800
Output Current (mA)
V
SAT-H
V
SAT-L
-40
-20
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
800
Ambient Temperature (
oC)
Package: MSOP-10/MSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com