Electronic Components Datasheet Search
  English  ▼

X  

AM9789 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AM9789 Datasheet HTML 8Page - Diodes Incorporated AM9789 Datasheet HTML 9Page - Diodes Incorporated AM9789 Datasheet HTML 10Page - Diodes Incorporated AM9789 Datasheet HTML 11Page - Diodes Incorporated AM9789 Datasheet HTML 12Page - Diodes Incorporated AM9789 Datasheet HTML 13Page - Diodes Incorporated AM9789 Datasheet HTML 14Page - Diodes Incorporated AM9789 Datasheet HTML 15Page - Diodes Incorporated AM9789 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
12
Application Information
1. Reverse Connection of Power Supply
Connector
Reverse connection of power supply connector may
break IC. Some methods such as inserting a diode
between power supply and VCC terminal can be
taken to avoid the reverse connection destruction.
2. Power Supply Line
Back electromotive force (EMF) causes regenerated
current to the power supply line, so insert a capacitor
(recommended value: 1
µF or larger) as close as
possible to the space between the power supply pin
(VCC pin) and ground pin (GND pin) for routing
regenerated current.
3. GND Potential and External Components
Ensure that the potential of GND terminal is the
minimum potential in any operating condition.
External components connected to the ground must
be connected with lines that are as short as possible
and external components connected between IC pins
must be placed as close to the pins as possible.
4. Mounting Failures
In the process of attaching IC to the printed board,
more attention must be paid to the direction and
location of the IC, since mounting failures may also
break IC. In addition, destruction is also possible
when the circuit is shorted by foreign substance
between outputs or between output and power supply
or between output and GND.
5. Thermal Consideration
Refer to Figure 7 “Power Dissipation vs. Ambient
Temperature (MSOP-10/MSOP-8)”, the IC is safe to
operate below the curve and the thermal protection
will be caused if the operating area is above the line.
For example, when TA=75°C, the maximum power
dissipation is about 0.35W.
The power dissipation can be calculated by the
following equation:
PD=VSAT(H+L)×IOUT+VCC×ICC
For example, VCC=5V, ICC=2mA, IOUT=250mA,
VSAT(H+L)=0.5V, then PD=0.135W.
The GND pin provides an electrical connection to the
ground and channeling heat away. The printed circuit
board (PCB) forms a heat sink and dissipates most of
the heat to the ambient air.
6. Thermal Shutdown Circuit
Considering the power dissipation under actual
operating condition, the thermal design must be
applied with sufficient margin.
AM9789 features thermal shutdown (TSD) circuit
(operation
temperature
is
165
°C typical and
hysteresis width is 30
°C typical). When the chip
temperature reaches the TSD circuit temperature, the
output terminal becomes an open state. TSD circuit is
designed simply for the purpose of intercepting IC
from overheating. Make sure that the IC should not
be used again after this circuit operating. Figure 10
shows a fan rotates normally first and then enters into
OTP mode since the chip temperature reaches 165
°C.
Finally the chip temperature decreases below 135
°C,
then OTP mode is canceled and the fan rotates
normally again.
Figure 10. OTP Function
7. Over Current Protection
The driver current is detected by AM9789 internal
circuit. When the output current is over 1A or larger,
AM9789 will close the output driver. After that if the
output current decreases, AM9789 will enable the fan
to rotate again. Figure 11 shows the detailed process.
Figure 11. OCP Function
8. PWM Mode
The output transistor is on when a high-level voltage
is input to the PWM pin, and is off when a low-level
voltage is input. PWM controls the speed of the
motor by inputting the pulse in accordance with the
duty cycle to the PWM pin. When the motor is
VOUT1
5V/div
VOUT2
5V/div
VFG
5V/div
Time
1s/div
VOUT1
5V/div
VOUT2
5V/div
VFG
5V/div
Time
1s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com