Electronic Components Datasheet Search
  English  ▼

X  

AM9789 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AM9789 Datasheet HTML 10Page - Diodes Incorporated AM9789 Datasheet HTML 11Page - Diodes Incorporated AM9789 Datasheet HTML 12Page - Diodes Incorporated AM9789 Datasheet HTML 13Page - Diodes Incorporated AM9789 Datasheet HTML 14Page - Diodes Incorporated AM9789 Datasheet HTML 15Page - Diodes Incorporated AM9789 Datasheet HTML 16Page - Diodes Incorporated AM9789 Datasheet HTML 17Page - Diodes Incorporated AM9789 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
17
Mechanical Dimensions (Continued)
DFN-3×3-10
Unit: mm(inch)
2.900(0. 114)
3.100(0.122)
2.900(0. 114)
3.100(0. 122)
1.600(0. 063)
1.800(0. 071)
0.200(0. 008)
0.300(0. 012)
0.500(0. 020)
TYP
0.300(0. 012)
0.500(0. 020)
0.000(0. 000)
0.050(0. 002)
0.700(0. 028)
0.800(0. 031)
0.153(0. 006)
0.253(0. 010)
2.300(0. 090)
2.500(0. 098)
N1
N5
N6
N10
Pin 1 Mark
PIN#1 IDENTIFICATION
See DETAIL A
1
2
DETAIL A
1
2
1
2
Pin 1 options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com