Electronic Components Datasheet Search
  English  ▼

X  

NZQFN28 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  NZQFN28 Datasheet HTML 1Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 2Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 3Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 4Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 5Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 3/20
PACKAGES QFN28 5 mm x 5 mm to JEDEC Standard (MO-220-VHHD-1)
PIN CONFIGURATION QFN28 5 mm x 5 mm
(top view)
PIN FUNCTIONS
No. Name
Function
1 RMDH APC Setup, Monitor Input Hi
2 RVDD Reference (P-type laser diodes)
3 RMDM APC Setup, Monitor Input Mid
4 NSF
No-Safety Signal
PIN FUNCTIONS
No. Name
Function
5 MDL
APC Setup, Monitor Input Lo
6 ENCAL Enable Calibration
7 RGND
Internal Ground
8 SMD
Safety Monitor Diode
9 GND
Ground
10 VREF
Reference Voltage
11 CIL
Power Control Capacitor Lo
12 REGEN Regulator Enable
13 CIM
Power Control Capacitor Mid
14 LENL
Enable Laser Channel Lo
15 LENM
Enable Laser Channel Mid
16 GND
Ground
17 LDKM
Cathode Laser Diode Mid
18 AGND
Analog Ground
19 LDKL
Cathode Laser Diode Lo
20 LDKH
Cathode Laser Diode Hi
21 LENH
Enable Laser Channel Hi
22 NERR
Error Output
23 EN
Enable Input
24 CIH
Power Control Capacitor Hi
25 LDA
Anode Laser Diode
26 RSI
Current Monitor Setup
27 SDIS
External Current Limitation
28 VDD
Power Supply
The Thermal Pad is to be connected to a Ground Plane (GND) on the PCB. Pins 9, 16 (GND) and 18
(AGND) must be connected externally, e.g. to a Ground Plane.
Orientation of package label (
NZ CODE ...) may vary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com