Electronic Components Datasheet Search
  English  ▼

X  

NZQFN28 Datasheet(PDF) 11 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 11 Page - Roithner LaserTechnik GmbH

Back Button NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 10Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 11Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 12Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 13Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 14Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 15Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 11/20
Demo board
With an optical power of 3 mW the monitor current (IM) is 43 µA. This current must flow through the parallel
connection of RMLn and RMMn (RMMn = PMM + RMM). The following then applies:
RMLn||RMMn =
V (MDL)
IM
=
0.5 V
43 µA
= 11.62 k Ω
RMMn =
RMLn||RMMn ∗ RMLn
RMLn − RMLn||RMMn
RMMn =
11.62 k Ω ∗ 33.34 k Ω
33.34 k Ω − 11.62 k Ω
= 17.84 k Ω
3. Calibrating the high channel
Here, pins REGEN and ENCAL must be high. This
deactivates the monitoring of the optical power, thus
enabling the calibration of the high output level. Pins
LENL and LENM must remain at high; pin LENH must
also be switched from low to high. Following the set-
tling of the control unit at CIH the required optical
power can be set at resistor RMH.
Demo board
With an optical power of 5 mW laser diode HL6339G has a typical monitor current (IM) of 80 µA. The following
value is then obtained for resistor RMHn = PMH + RMH:
RMLn||RMMn||RMHn =
V (MDL)
IM
=
0.5 V
80 µA
= 6.25 k Ω
RMHn =
RMLn||RMMn||RMHn ∗ RMLn||RMMn
RMLn||RMMn − RMLn||RMMn||RMHn
RMHn =
6.25 k Ω ∗ 11.62 k Ω
11.62 k Ω − 6.25 k Ω
= 13.52 k Ω
Possible sources of error
• V(NERR) remains at low:
– Check the current in NERR. Is the impedance of the pull-up resistor too high?
• Too high a current is flowing at pin NERR (ERROR state):
– Is the laser diode properly connected and the control unit functioning correctly?
– Are RMDL, RMDM or RMDH of too low an impedance? (Possible shut-down due to overcurrent!)
– Are all the capacitors at CIx (x: L, M, H) large enough and have they been properly soldered?
– Is pin AGND connected to ground?
• No laser light:
– Is pin AGND connected to ground?
– Is there a short circuit between CIx and ground?
– Is the laser diode (type N or P) properly connected and the control unit functioning correctly?
– The laser diode lights up for a few seconds and then turns off:
* Is the laser diode too hot? With insufficient cooling the laser diode power consumption increases
which can trigger an overcurrent shut-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com