Electronic Components Datasheet Search
  English  ▼

X  

NZQFN28 Datasheet(PDF) 9 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 9 Page - Roithner LaserTechnik GmbH

Back Button NZQFN28 Datasheet HTML 5Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 10Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 11Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 12Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 13Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 9/20
DESCRIPTION OF FUNCTIONS
iC-NZ is a three-channel laser diode pulse regulator
which is single-failure-proof and able to maintain a se-
lected laser class. The device includes the following
functions:
• Monitoring of the laser current
• Switching of three laser light intensity levels which
are regulated separately
• Single-failure-proof via laser light monitoring using a
second monitor diode and shut-down of the laser in
the event of error via three separate, independent
switches
• External error messaging
• Pulses of up to 155 MHz in controlled burst mode,
during which a previously set operating point is main-
tained
• Extension of the laser current with few external com-
ponents
• Operation of blue laser diodes possible
To simplify the initial operation of iC-NZ the following
passage first outlines the basic steps involved and then
goes on to provide details referring to the demo board
available for evaluation. A HL6339G HITACHI laser
diode has been used here by way of example.
Monitoring the laser current
iC-NZ monitors the laser current flowing from pin LDA
(Figure 5). The DC current threshold is set using a
resistor at pin RSI. If this threshold is exceeded, the
device is shut down for safety reasons.
IRS
x1
x500
S1
VDD
VREF
NEN
LDA
LDAOK
NSEN
SDIS
−
0.5V
+
ILDA
FINITE STATE MACHINE
VDD
RSI
CURRENT MONITOR
RSI
LD
CLDA
MD
EN
NSEN
S2
S3
SDIS
Figure 5: Monitoring the laser current
When dimensioning resistor RSI the following applies:
Imax (LDA) = 500 ×
0.5 V
RSI
Short pulses with higher currents are also possible as
the DC current is monitored. Capacitor CLDA supplies
the current for short, higher pulses.
Demo board
According to the manufacturer’s specifications laser
diode HL6339G requires a maximum current of 70 mA
for an optical power of 5 mW. For this maximum 70 mA
current RSI is calculated as:
RSI = 500 ×
0.5 V
70 mA
= 3.5 k Ω
Switching up to three laser power levels
The following steps must be taken to set the required
optical power:
1. Enabling the system
2. Calibrating the low and middle channels
3. Calibrating the high channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com