Electronic Components Datasheet Search
  English  ▼

X  

NZQFN28 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  NZQFN28 Datasheet HTML 1Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 2Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 3Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 4Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 5Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 4/20
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDD
Supply Voltage VDD Current
-0.7
6
V
G002 I(VDD)
Current in VDD
400
mA
G003 I(CIx)
Current in CIx
V(LDA) = 0
5
mA
G004 I(NSF)
Current in NSF
20
mA
G005 I(SMD)
Current in SMD
20
mA
G006 I(NERR)
Current in NERR
20
mA
G007 I(MDL)
Current in MDL
20
mA
G008 I(RMDx)
Current in RMDx
20
mA
G009 I()dig
Current in LENL, LENM, LENH,
REGEN, NEN, ENCAL
20
mA
G010 I(LDKx)
Current in LDKx
300
mA
G011 I(LDA)
Current in LDA
400
mA
G012 I(RSI)
Current in RSI
20
mA
G013 I(SDIS)
Current in SDIS
20
mA
G014 I(VREF)
Current in VREF
50
mA
G015 V()c
Voltage at RMDH, RVDD, RMDM, NSF,
MDL, ENCAL, SMD, VREF, REGEN,
CIx, LENx, NERR, LDA, RSI, SDIS
-0.7
6
V
G016 V()h
Voltage at LDKx
-0.7
15
V
G017 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G018 Tj
Operating Junction Temperature
-40
150
°C
G019 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VDD = 3.5...5.5 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended range on request)
-20
90
°C
T02
Rthja
Thermal Resistance Chip/Ambient
surface mounted, thermal pad soldered to ca.
2 cm² heat sink
30
40
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com