Electronic Components Datasheet Search
  English  ▼

X  

NZQFN28 Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

Back Button NZQFN28 Datasheet HTML 3Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 4Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 5Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 10Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 11Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 7/20
ELECTRICAL CHARACTERISTICS: DIAGRAMS
t
V
Vt()hi
Vt()lo
VDD−0.45V
0.45V
0
1
Input/Output
Figure 1: Reference levels
I(LED)
t
Ipk
10% I pk
90% I pk
t r
t f
Figure 2: Laser current pulse
LENL
LENM
LENH
I(LDKL)
plh
Zeit
I(LDKM)
I(LDKH)
V(MDL)
t
plh
t
plh
t
phl
t
phl
tt
phl
t
Figure 3: Turn on/turn off behavior of the laser current
LENL
ENCAL
LENM
LENH
VSL
Zeit
V(SMD)
V(MDL)
VSH
P(Laser)
SMD(1)
SMD(0)
NERR
NSEN
NTREN
Zeit
Zeit
0.5V
Ph
S0
Pm
Pl
t
S1
t
t
off
t
d
Figure 4: Safety shutdown times with failure of the control unit, for example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com