Electronic Components Datasheet Search
  English  ▼

X  

ZSR Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZSR
Description  ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSR Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZSR Datasheet HTML 4Page - Diodes Incorporated ZSR Datasheet HTML 5Page - Diodes Incorporated ZSR Datasheet HTML 6Page - Diodes Incorporated ZSR Datasheet HTML 7Page - Diodes Incorporated ZSR Datasheet HTML 8Page - Diodes Incorporated ZSR Datasheet HTML 9Page - Diodes Incorporated ZSR Datasheet HTML 10Page - Diodes Incorporated ZSR Datasheet HTML 11Page - Diodes Incorporated ZSR Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
8
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
-50
-25
0
25
50
75
100
125
Temperature (°C)
Peak Output Current v Temperature
500
400
300
200
100
0
-50
-25
0
25
50
75
100 125
Temperature (°C)
Io=100mA
Io=200mA
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
-50
-25
0
25
50
75
100 125
Temperature (°C)
450
400
350
300
250
Quiescent Current v Temperature
Io=0
Vin=Vo+4V
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Voltage Temperature Coefficient
9.08
9.04
9.00
8.96
8.92
Vin=Vo+4V
Io=5mA
-50
-25
0
25
50
75
100
125
2.85
2.82
Temperature (°C)
Output Voltage Temperature Coefficient
2.84
2.86
5.70
5.66
-50
-25
0
25
50
75
100 125
Temperature (°C)
Output Voltage Temperature Coefficient
4.00
3.96
ZSR400
3.98
3.94
5.68
5.72
ZSR900
2.99
3.00
3.01
2.98
ZSR285
ZSR300
Io=5mA
Vin=Vo+4V
Io=5mA
Vin=Vo+4V
Vo=0
Vin=10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com