Electronic Components Datasheet Search
  English  ▼

X  

ZSR Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZSR
Description  ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSR Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZSR Datasheet HTML 10Page - Diodes Incorporated ZSR Datasheet HTML 11Page - Diodes Incorporated ZSR Datasheet HTML 12Page - Diodes Incorporated ZSR Datasheet HTML 13Page - Diodes Incorporated ZSR Datasheet HTML 14Page - Diodes Incorporated ZSR Datasheet HTML 15Page - Diodes Incorporated ZSR Datasheet HTML 16Page - Diodes Incorporated ZSR Datasheet HTML 17Page - Diodes Incorporated ZSR Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
15
www.zetex.com
© Zetex Semiconductors plc 2007
ZSR285 test conditions
=6.85V
ZSR400 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=8V
NOTES:
(
)Tj=-55 to 125°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
2.78
2.85
2.92
V
IO=1 to 200mA()
2.735
2.964
V
Vin=4.85 to 20V
IO =1 to 100mA()
2.736
2.964
V
VO
Line regulation
Vin=4.85 to 20V
10
40
mV
VO
Load regulation
IO=1 to 200mA
5
25
mV
IO=1 to 100mA
2
mV
Ig
Quiescent current
()
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=4.85 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
75
V rms
Vin/VO
Ripple rejection
Vin=5.85 to 218V
48
62
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
4.85
4.55
V
VO/ T
Average temperature
coefficient of VO
IO=5.0mA()
0.1
mV/°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
3.9
4.0
4.1
V
IO=1 to 200mA()
3.84
4.16
V
Vin=6 to 20V
IO =1 to 100mA()
3.84
4.16
V
VO
Line regulation
Vin=6 to 20V
10
40
mV
VO
Load regulation
IO=1 to 200mA
5
25
mV
IO=1 to 100mA
2
mV
Ig
Quiescent current
()
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=6 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
75
V rms
Vin/VO
Ripple rejection
Vin=7 to 218V
48
62
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
65.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com