Electronic Components Datasheet Search
  English  ▼

X  

ZSR Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZSR
Description  ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSR Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZSR Datasheet HTML 10Page - Diodes Incorporated ZSR Datasheet HTML 11Page - Diodes Incorporated ZSR Datasheet HTML 12Page - Diodes Incorporated ZSR Datasheet HTML 13Page - Diodes Incorporated ZSR Datasheet HTML 14Page - Diodes Incorporated ZSR Datasheet HTML 15Page - Diodes Incorporated ZSR Datasheet HTML 16Page - Diodes Incorporated ZSR Datasheet HTML 17Page - Diodes Incorporated ZSR Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
17
www.zetex.com
© Zetex Semiconductors plc 2007
ZSR600 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=10V
ZSR900 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=13V
NOTES:
(
)Tj=-55 to 125°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
5.85
6
6.15
V
IO=1 to 200mA( )
5.76
6.24
V
Vin=8 to 20V
IO =1 to 100mA( )
5.76
6.24
V
VO
Line regulation
Vin=8 to 20V
10
40
mV
VO
Load regulation
IO=1 to 200mA
7
30
mV
IO=1 to 100mA
2.5
mV
Ig
Quiescent current
( )
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=8 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
90
V rms
Vin/ VO
Ripple rejection
Vin=9 to 18V
48
62
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
87.7
V
VO/ T
Average temperature
coefficient of VO
IO=5.0mA( )
0.15
mV/°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
8.775
9.0
9.225
V
IO=1 to 200mA( )
8.64
9.36
V
Vin=11 to 20V
IO =1 to 100mA( )
8.64
9.36
V
VO
Line regulation
Vin=11 to 20V
12
40
mV
VO
Load regulation
IO=1 to 200mA
9
30
mV
IO=1 to 100mA
3
mV
Ig
Quiescent current
( )
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=11 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
150
V rms
Vin/ VO
Ripple rejection
Vin=12 to 18V
43
57
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
11
10.7
V
VO/ T
Average temperature
coefficient of VO
IO=5.0mA( )
0.25
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com