Electronic Components Datasheet Search
  English  ▼

X  

ZSR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZSR
Description  ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSR Datasheet(HTML) 1 Page - Diodes Incorporated

  ZSR Datasheet HTML 1Page - Diodes Incorporated ZSR Datasheet HTML 2Page - Diodes Incorporated ZSR Datasheet HTML 3Page - Diodes Incorporated ZSR Datasheet HTML 4Page - Diodes Incorporated ZSR Datasheet HTML 5Page - Diodes Incorporated ZSR Datasheet HTML 6Page - Diodes Incorporated ZSR Datasheet HTML 7Page - Diodes Incorporated ZSR Datasheet HTML 8Page - Diodes Incorporated ZSR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Issue 9 - October 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZSR SERIES
3.0 to 12 volt fixed positive local voltage regulator
SOT223 ordering information
Description
The ZSR Series three terminal fixed positive
voltage
regulators
feature
internal
circuit
current limit and thermal shutdown making the
devices difficult to destroy. The devices are
available in a high power surface mount
package, ideal for applications where space
saving is important. The devices are suited to
local voltage regulation applications, where
problems could be encountered with distributed
single source regulation, as well as more
general voltage regulation applications.
The
ZSR
Series
show
performance
characteristics superior to other local voltage
regulators.
The
initial
output
voltage
is
maintained to within 2.5% with a quiescent
current of typically 350 A. Output voltage
change, with input voltage and load current, is
much lower than competitive devices. The ZSR
devices are completely stable with no external
components.
Features
•
Output current up to 200mA
•
Tight initial tolerance of 2.5%
•Low 600 A quiescent current
•
-55 to 125°C temperature range
•
No external components
•
Internal thermal shutdown
•
Internal short circuit current limit
•
High power SOT223 package
SOT223 Package suffix - G
Top view –
Connect pin 4 to pin 2 or leave pin 4
electrically isolated
Order reference
Voltage
Part
marking
Status
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZSR300GTA
3.0V
ZSR300
Active
7
12
1000
ZSR330GTA
3.3V
ZSR330
Active
7
12
1000
ZSR500GTA
5.0V
ZSR500
Active
7
12
1000
ZSR800GTA
8.0V
ZSR800
Active
7
12
1000
ZSR1000GTA
10.0V
ZSR100
Active
7
12
1000
ZSR1200GTA
12.0V
ZSR1200
Active
7
12
1000
OUT
1
4
2
3
GND
Top view
IN
GND


Similar Part No. - ZSR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR Datasheet
653Kb / 17P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR1000 ZETEX-ZSR1000 Datasheet
421Kb / 18P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR1000 ZETEX-ZSR1000 Datasheet
615Kb / 18P
3.0 to 12 volt fixed positive local voltage regulator
ZSR1000C ZETEX-ZSR1000C Datasheet
421Kb / 18P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZSR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
3.0 to 12 volt fixed positive local voltage regulator
OCTOBER 2007
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
DECEMBER 2001
logo
Zetex Semiconductors
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
AUGUST 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com