Electronic Components Datasheet Search
  English  ▼

X  

ZSR Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZSR
Description  ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSR Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZSR Datasheet HTML 10Page - Diodes Incorporated ZSR Datasheet HTML 11Page - Diodes Incorporated ZSR Datasheet HTML 12Page - Diodes Incorporated ZSR Datasheet HTML 13Page - Diodes Incorporated ZSR Datasheet HTML 14Page - Diodes Incorporated ZSR Datasheet HTML 15Page - Diodes Incorporated ZSR Datasheet HTML 16Page - Diodes Incorporated ZSR Datasheet HTML 17Page - Diodes Incorporated ZSR Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
14
www.zetex.com
© Zetex Semiconductors plc 2007
Obsolete Variants
SOT223 Order information
TO92 Order information
NOTES:
* TO92 was supplied in the following reel options:
loose in boxes of 4000
suffix: L
taped and wound on a reel of 1500
suffix: STOB
taped and folded in concertina form of 1500
suffix: STZ
TO92 Package suffix - C
Orderable
Voltage
Part
marking
Status
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZSR285GTA
2.85V
ZSR285
Obsolete
7
12
1000
ZSR400GTA
4.0V
ZSR400
Obsolete
7
12
1000
ZSR485GTA
4.85V
ZSR485
Obsolete
7
12
1000
ZSR520GTA
5.2V
ZSR520
Obsolete
7
12
1000
ZSR600GTA
6.0V
ZSR600
Obsolete
7
12
1000
ZSR900GTA
9.0V
ZSR900
Obsolete
7
12
1000
Part Number
Voltage
Part marking
Status
Orderable
ZSR285
2.85V
ZSR285
Obsolete
ZSR285C*
ZSR300
3.0V
ZSR300
Obsolete
ZSR300C*
ZSR330
3.3V
ZSR330
Obsolete
ZSR330C*
ZSR400
4.0V
ZSR400
Obsolete
ZSR400C*
ZSR485
4.85V
ZSR485
Obsolete
ZSR485C*
ZSR500
5.0V
ZSR500
Obsolete
ZSR500C*
ZSR520
5.2V
ZSR520
Obsolete
ZSR520C*
ZSR600
6.0V
ZSR600
Obsolete
ZSR600C*
ZSR800
8.0V
ZSR800
Obsolete
ZSR800C*
ZSR900
9.0V
ZSR900
Obsolete
ZSR900C*
ZSR1000
10.0V
ZSR100
Obsolete
ZSR1000C*
ZSR1200
12.0V
ZSR1200
Obsolete
ZSR1200C*
IN
Underside view
GND
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com