Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL080 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 12Page - Texas Instruments ADC12DL080 Datasheet HTML 13Page - Texas Instruments ADC12DL080 Datasheet HTML 14Page - Texas Instruments ADC12DL080 Datasheet HTML 15Page - Texas Instruments ADC12DL080 Datasheet HTML 16Page - Texas Instruments ADC12DL080 Datasheet HTML 17Page - Texas Instruments ADC12DL080 Datasheet HTML 18Page - Texas Instruments ADC12DL080 Datasheet HTML 19Page - Texas Instruments ADC12DL080 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ADC12DL080
SNAS345 – FEBRUARY 2006
www.ti.com
Typical Performance Characteristics DNL, INL
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 0, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface limits
apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
DNL
INL
DNL vs. fCLK
INL vs. fCLK
DNL vs. Clock Duty Cycle
INL vs. Clock Duty Cycle
16
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com