Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL080 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 17Page - Texas Instruments ADC12DL080 Datasheet HTML 18Page - Texas Instruments ADC12DL080 Datasheet HTML 19Page - Texas Instruments ADC12DL080 Datasheet HTML 20Page - Texas Instruments ADC12DL080 Datasheet HTML 21Page - Texas Instruments ADC12DL080 Datasheet HTML 22Page - Texas Instruments ADC12DL080 Datasheet HTML 23Page - Texas Instruments ADC12DL080 Datasheet HTML 24Page - Texas Instruments ADC12DL080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ADC12DL080
www.ti.com
SNAS345 – FEBRUARY 2006
Typical Performance Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Units for SNR
and SINAD are dBFS. Units for SFDR and Distortion are dBc. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ
= 25°C
tOD vs. VDR, VA = VD = 3.6V
Spectral Response @ 20 MHz Input
Spectral Response @ 39 MHz Input
Spectral Response @ 200 MHz Input
Intermodulation Distortion, fIN1= 19.6 MHz, fIN2 = 20.2 MHz
Power Consumtion vs. fCLK
Functional Description
Operating on a single +3.3V supply, the ADC12DL080 uses a pipeline architecture and has error correction
circuitry to help ensure maximum performance. The differential analog input signal is digitized to 12 bits. The
user has the choice of using an internal 1.0 Volt or an external reference. Any external reference is buffered on-
chip to ease the task of driving that pin.
The output word rate is the same as the clock frequency, which can be between 10 MSPS and 80 MSPS
(typical) with fully specified performance at 80 MSPS. The analog input for both channels is acquired at the rising
edge of the clock and the digital data for a given sample is delayed by the pipeline for 7 clock cycles. Duty cycle
stabilization and output data format are selectable. The output data format can be set for offset binary or two's
complement.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com