Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL080 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 25Page - Texas Instruments ADC12DL080 Datasheet HTML 26Page - Texas Instruments ADC12DL080 Datasheet HTML 27Page - Texas Instruments ADC12DL080 Datasheet HTML 28Page - Texas Instruments ADC12DL080 Datasheet HTML 29Page - Texas Instruments ADC12DL080 Datasheet HTML 30Page - Texas Instruments ADC12DL080 Datasheet HTML 31Page - Texas Instruments ADC12DL080 Datasheet HTML 32Page - Texas Instruments ADC12DL080 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Clock line should be short
and cross no other lines.
Single Ground entry for all
Reference
Components
All Analog Components
mounted over
Analog
area of Ground
Plane
Xfmr/Amplifier
Components
mounted over
Digital area of
Digital power line should be routed
away from analog power trace.
COMMON
GROUND
PLANE
Ground entry points
close to ground pins.
Analog power line should be routed
away from Digital power trace.
Driving
source
located close
to converter.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
V
D
DB5
DB4
DB3
DB2
DB1
DB0
OEB/DRDY
DR
GND
DA11
DA10
DA9
DA8
DA7
DA6
V
D
VIN B-
VIN B+
AGN
D
V
RMB
V
RPB
V
RNB
V
REF
AGN
D
V
A
AGN
D
REFSEL/DCS
V
RNA
V
RPA
V
RMA
VIN A+
VIN A-
ADC12DL080
All Digital
Ground
Plane
6 x 100:
6 x 100:
OSC
LATCH
LATCH
ADC12DL080
www.ti.com
SNAS345 – FEBRUARY 2006
Figure 7. Example of a Suitable Layout
Be especially careful with the layout of inductors. Mutual inductance can change the characteristics of the circuit
in which they are used. Inductors should not be placed side by side, even with just a small part of their bodies
beside each other.
The analog input should be isolated from noisy signal traces to avoid coupling of spurious signals into the input.
Any external component (e.g., a filter capacitor) connected between the converter's input pins and ground or to
the reference input pin and ground should be connected to a very clean point in the ground plane.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com