Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL080 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12DL080 Datasheet HTML 1Page - Texas Instruments ADC12DL080 Datasheet HTML 2Page - Texas Instruments ADC12DL080 Datasheet HTML 3Page - Texas Instruments ADC12DL080 Datasheet HTML 4Page - Texas Instruments ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
VA
AGND
VD
DGND
AGND
VA
VA
VA
VA
VA
AGND
AGND
VA
AGND
VA
AGND
ADC12DL080
SNAS345 – FEBRUARY 2006
www.ti.com
Pin No.
Symbol
Equivalent Circuit
Description
15
VINA+
2
VINB+
Differential analog input pins. With a 1.0V reference voltage the
differential full-scale input signal level is 2.0 VP-P with each input pin
voltage centered on a common mode voltage, VCM. The negative
16
VINA−
input pins may be connected to VCM for single-ended operation, but
1
VINB−
a differential input signal is required for best performance.
(1)
This pin is used in conjunction with REFSEL/DCS (pin 11) to select
the internal 1.0V reference, or as the external reference input.
If VREF is tied HIGH, the internal 1.0V reference is selected.
REFSEL/DCS must be LOW or tied to VRMA or VRMB.
If a voltage in the range of 0.8V to 1.2V is applied to this pin, that
7
VREF
voltage is used as the reference. VREF should be bypassed to AGND
with a 0.1 µF low ESL capacitor when an external reference is used.
The nominal external reference voltage is 1.0V but values in the
range of 0.8V to 1.2V may be used. REFSEL/DCS must be HIGH or
REFSEL/DCStied to VRMA or VRMB.
See Table 4 in for more information.
This pin is used in conjunction with VREF (pin 7) to select the
reference source and turn the Duty Cycle Stabilizer (DCS) on or off.
When REFSEL/DCS is LOW and VREF is HIGH, the internal 1.0V
reference is selected and DCS is On.
(2)
11
REFSEL/DCS
When REFSEL/DCS is HIGH, an external reference voltage in the
range of 0.8V to 1.2V should be applied to the VREF input. DCS is
On.
With this pin connected to VRMA or VRMB, DCS is Off.
See Table 4 in REFSEL/DCS for more information.
13
VRPA
5
VRPB
14
VRMA
These are reference bypass pins. These pins should each be
4
VRMB
bypassed to ground with a 0.1 µF capacitor. A 10 µF capacitor
should be placed between the VRPA and VRNA pins and between the
VRPB and VRNB pins.
12
VRNA
These pins should not be loaded.
6
VRNB
(3)
DIGITAL I/O
Digital clock input. The range of frequencies for this input is as
60
CLK
specified in the electrical tables with guaranteed performance at 80
MHz. The inputs are sampled on the rising edge.
(4)
OF/DOEN selects the output format (OF) or enables the DRDY
output (DOEN). The state of this pin also controls the function of pins
22 and 41.
When OF/DOEN is tied to VRMA or VRMB, DRDY is enabled. Pin 41
is used as the DRDY output strobe, and pin 22 is used to select the
output format. Output Enable for channels A and B are not available
21
OF/DOEN
in this mode.
When OF/DOEN is LOW, the output data format is offset binary.
With OF/DOEN tied HIGH, the output format is 2's complement.
See Table 5 in OF/DOEN, OEA/OF, and OEB/DRDY for more
information.
(5)
4
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com