Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 16Page - Texas Instruments ADS1113 Datasheet HTML 17Page - Texas Instruments ADS1113 Datasheet HTML 18Page - Texas Instruments ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
ADS1113
ADS1114
ADS1115
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
www.ti.com
Lo_thresh AND Hi_thresh REGISTERS
A
secondary
conversion
ready
function
of
the
comparator output pin can be realized by setting the
The upper and lower threshold values used by the
Hi_thresh register MSB to '1' and the Lo_thresh
comparator are stored in two 16-bit registers. These
register MSB to ‘0’. However, in all other cases, the
registers store values in the same format that the
Hi_thresh register must be larger than the Lo_thresh
output register displays values; that is, they are
register. The threshold register formats are shown in
stored in twos complement format. Because it is
Table 10. When set to RDY mode, the ALERT/RDY
implemented
as
a
digital
comparator,
special
pin outputs the OS bit when in single-shot mode and
attention
should
be
taken
to
readjust
values
pulses when in continuous conversion mode.
whenever PGA settings are changed.
Table 10. Lo_thresh and Hi_thresh Registers
REGISTER
Lo_thresh (Read/Write)
BIT
15
14
13
12
11
10
9
8
NAME
Lo_thresh15
Lo_thresh14
Lo_thresh13
Lo_thresh12
Lo_thresh11
Lo_thresh10
Lo_thresh9
Lo_thresh8
blank
BIT
7
6
5
4
3
2
1
0
NAME
Lo_thresh7
Lo_thresh6
Lo_thresh5
Lo_thresh4
Lo_thresh3
Lo_thresh2
Lo_thresh1
Lo_thresh0
REGISTER
Hi_thresh (Read/Write)
BIT
15
14
13
12
11
10
9
8
NAME
Hi_thresh15
Hi_thresh14
Hi_thresh13
Hi_thresh12
Hi_thresh11
Hi_thresh10
Hi_thresh9
Hi_thresh8
blank
BIT
7
6
5
4
3
2
1
0
NAME
Hi_thresh7
Hi_thresh6
Hi_thresh5
Hi_thresh4
Hi_thresh3
Hi_thresh2
Hi_thresh1
Hi_thresh0
Lo_thresh default = 8000h.
Hi_thresh default = 7FFFh.
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1113 ADS1114 ADS1115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com