Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 3Page - Texas Instruments ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
60
50
40
30
20
10
0
2.0
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage(V)
2.5
FS= 6.144V
±
(1)
FS= 2.048V
±
FS= 0.512, 0.256V
±
±
60
40
20
0
20
40
60
-
-
-
-
2.0
-
1.0
-
0.5
0
0.5
1.0
2.0
InputSignal(V)
-
1.5
+125°C
+25°C
-
°
40 C
1.5
FS= 2.048V
VDD=3.3V
DR=8SPS
BestFit
±
60
40
20
0
20
40
60
-
-
-
-
0.5
-
0.250 -0.125
0
0.125 0.250
0.5
InputSignal(V)
-
0.375
+125°C
+25°C
-
°
40 C
0.375
FS= 0.512V
VDD=3.3V
DR=8SPS
BestFit
±
60
40
20
0
20
40
60
-
-
-
-
2.0
-
1.0
-
0.5
0
0.5
1.0
2.0
InputVoltage(V)
-
1.5
1.5
FS= 2.048V
VDD=5V
DR=8SPS
BestFit
±
T = 40 C
-
°
A
T =+25 C
°
A
T =+125 C
°
A
60
40
20
0
20
40
60
-
-
-
-
0.5
-
0.3 -0.2 -0.1
0
0.1
0.5
InputVoltage(V)
-
0.4
0.4
FS= 0.512V
VDD=5V
DR=8SPS
BestFit
±
0.2
0.3
T =+25 C
°
A
T =+125 C
°
A
T = 40 C
-
°
A
VDD =2V
VDD =5V
140
120
100
80
60
40
20
0
-
60
-
40
-
20
0
20
40
60
80
100
120
140
Temperature( C)
°
VDD =3.3V
DR=8SPS
ADS1113
ADS1114
ADS1115
www.ti.com
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
INL vs SUPPLY VOLTAGE(2)
INL vs INPUT SIGNAL
Figure 8.
Figure 9.
INL vs INPUT SIGNAL
INL vs INPUT SIGNAL
Figure 10.
Figure 11.
INL vs INPUT SIGNAL
INL vs TEMPERATURE
Figure 12.
Figure 13.
(2)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3V be applied to this device.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1113 ADS1114 ADS1115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com