Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments ADS1113 Datasheet HTML 26Page - Texas Instruments ADS1113 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
0.1 F(typ)
m
VDD
VDD
SDA
SCL
GPIO
Microcontrolleror
Microprocessor
withI CPort
2
Pull-UpResistors
1k
to10k
(typ)
W
W
5
10
1
2
3
4
ADDR
ALERT/RDY
GND
AIN0
AIN1
SCL
9
8
7
6
SDA
VDD
AIN3
AIN2
ADS1115
InputsSelected
fromConfiguration
Register
ADS1113
ADS1114
ADS1115
www.ti.com
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
APPLICATION INFORMATION
The following sections give example circuits and
The ADS1113/4/5 interface directly to standard mode,
suggestions for using the ADS1113/4/5 in various
fast mode, and high-speed mode I2C controllers. Any
situations.
microcontroller I2C peripheral, including master-only
and non-multiple-master I2C peripherals, can operate
with the ADS1113/4/5. The ADS1113/4/5 do not
BASIC CONNECTIONS
perform clock-stretching (that is, they never pull the
For many applications, connecting the ADS1113/4/5
clock line low), so it is not necessary to provide for
is simple. A basic connection diagram for the
this function unless other clock-stretching devices are
ADS1115 is shown in Figure 33.
on the same I2C bus.
The fully differential voltage input of the ADS1113/4/5
Pull-up resistors are required on both the SDA and
is ideal for connection to differential sources with
SCL lines because I2C bus drivers are open-drain.
moderately
low
source
impedance,
such
as
The size of these resistors depends on the bus
thermocouples
and
thermistors.
Although
the
operating speed and capacitance of the bus lines.
ADS1113/4/5 can read bipolar differential signals,
Higher-value resistors consume less power, but
they cannot accept negative voltages on either input.
increase the transition times on the bus, limiting the
It may be helpful to think of the ADS1113/4/5 positive
bus speed. Lower-value resistors allow higher speed
voltage input as noninverting, and of the negative
at the expense of higher power consumption. Long
input as inverting.
bus lines have higher capacitance and require
smaller pull-up resistors to compensate. The resistors
When the ADS1113/4/5 are converting data, they
should not be too small; if they are, the bus drivers
draw current in short spikes. The 0.1
μF bypass
may not be able to pull the bus lines low.
capacitor supplies the momentary bursts of extra
current needed from the supply.
Figure 33. Typical Connections of the ADS1115
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS1113 ADS1114 ADS1115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com