Electronic Components Datasheet Search
  English  ▼

X  

LM3489 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Datasheet(HTML) 2 Page - Texas Instruments

  LM3489 Datasheet HTML 1Page - Texas Instruments LM3489 Datasheet HTML 2Page - Texas Instruments LM3489 Datasheet HTML 3Page - Texas Instruments LM3489 Datasheet HTML 4Page - Texas Instruments LM3489 Datasheet HTML 5Page - Texas Instruments LM3489 Datasheet HTML 6Page - Texas Instruments LM3489 Datasheet HTML 7Page - Texas Instruments LM3489 Datasheet HTML 8Page - Texas Instruments LM3489 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISENSE
GND
PGND
VIN
PGATE
ADJ
FB
EN
1
2
3
4
5
6
7
8
LM3489
SNVS443A – MAY 2006 – REVISED JUNE 2008
www.ti.com
Connection Diagram
Figure 1. 8 Lead Plastic MSOP-8 Top View
Pin Functions
Pin Descriptions
Pin #
Name
Description
1
ISENSE
The current sense input pin. This pin should be connected to the PFET drain terminal directly
or through a series resistor up to 600 ohm for 28V>Vin>35V.
2
GND
Signal ground.
3
EN
Enable pin. Connect EN pin to ground to shutdown the part or float to enable operation
(Internally pulled high). This pin can also be used to perform UVLO function.
4
FB
The feedback input. Connect the FB to a resistor voltage divider between the output and
GND for an adjustable output voltage.
5
ADJ
Current limit threshold adjustment. Connected to an internal 5.5µA current source. A resistor
is connected between this pin and VIN. The voltage across this resistor is compared with the
ISENSE pin voltage to determine if an over-current condition has occurred.
6
PGND
Power ground.
7
PGATE
Gate Drive output for the external PFET. PGATE swings between VIN and VIN-5V.
8
VIN
Power supply input pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM3489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com