Electronic Components Datasheet Search
  English  ▼

X  

LM3489 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3489 Datasheet HTML 2Page - Texas Instruments LM3489 Datasheet HTML 3Page - Texas Instruments LM3489 Datasheet HTML 4Page - Texas Instruments LM3489 Datasheet HTML 5Page - Texas Instruments LM3489 Datasheet HTML 6Page - Texas Instruments LM3489 Datasheet HTML 7Page - Texas Instruments LM3489 Datasheet HTML 8Page - Texas Instruments LM3489 Datasheet HTML 9Page - Texas Instruments LM3489 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
LOAD CURRENT (A)
VIN = 12V
VIN = 6V
VIN = 24V
0
40
0
100
200
300
400
500
600
VIN (V)
10
20
30
L = 10 PH
L = 15 PH
L = 22 PH
VOUT = 3.3V
IOUT = 500 mA
Cff = 100 pF
-40
-10
20
50
80
110
140
JUNCTION TEMPERATURE, TJ (°C)
40
60
80
100
120
140
160
VIN = 4.5V
VIN = 24V
VIN = 12V
-40
-10
20
50
80
110
140
JUNCTION TEMPERATURE, TJ (
oC)
100
150
200
250
300
VIN = 12V
VIN = 4.5V
VIN = 24V
-40
-10
20
50
80
110
140
JUNCTION TEMPERATURE, TJ (°C)
8
8.5
9
9.5
10
VIN = 12V
VIN = 4.5V
VIN = 24V
VIN = 35V
0
40
3
3.5
4
4.5
5
5.5
6
VIN (V)
10
20
30
-40°C
25°C
125°C
LM3489
SNVS443A – MAY 2006 – REVISED JUNE 2008
www.ti.com
Typical Performance Characteristics (continued)
All curves taken at VIN = 12V with configuration in typical application circuit shown in Application Information section of this
datasheet. TJ = 25°C, unless otherwise specified.
Current Limit One Shot OFF Time
VIN - VPGATE
vs.
vs
Temperature
VIN
Minimum ON Time
Minimum ON Time
vs
vs
Temperature
Temperature
(Normal Operation)
(Current Limit)
Operating Frequency
Operating ON Time vs
vs
Load Current
Input Voltage
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM3489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com