Electronic Components Datasheet Search
  English  ▼

X  

LM3489 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Datasheet(HTML) 1 Page - Texas Instruments

  LM3489 Datasheet HTML 1Page - Texas Instruments LM3489 Datasheet HTML 2Page - Texas Instruments LM3489 Datasheet HTML 3Page - Texas Instruments LM3489 Datasheet HTML 4Page - Texas Instruments LM3489 Datasheet HTML 5Page - Texas Instruments LM3489 Datasheet HTML 6Page - Texas Instruments LM3489 Datasheet HTML 7Page - Texas Instruments LM3489 Datasheet HTML 8Page - Texas Instruments LM3489 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ISENSE
ADJ
VIN
PGATE
FB
EN
LM3489
GND
PGND
1
2
3
4
5
6
7
8
+
+
Q1
VIN
VOUT
CIN1
COUT
D1
L
RADJ
RIS
CADJ
R1
R2
Cff
CIN2
LM3489
www.ti.com
SNVS443A – MAY 2006 – REVISED JUNE 2008
LM3489/LM3489Q Hysteretic PFET Buck Controller with Enable Pin
Check for Samples: LM3489
1
FEATURES
•
LM3489 is AEC-Q100 Grade 1 qualified
2
•
Easy to use control methodology
APPLICATIONS
•
No control loop compensation required
•
Set-Top Box
•
Wide 4.5V to 35V input range
•
DSL/Cable Modem
•
1.239V to VIN adjustable output range
•
PC/IA
•
High efficiency 93%
•
Auto PC
•
±1.3% (±2% over temp) internal reference
•
TFT Monitor
•
100% duty cycle operation
•
Battery Powered Portable Applications
•
Maximum operation frequency > 1MHz
•
Distributed Power Systems
•
Current limit protection
•
Always On Power
•
Dedicated enable pin (on if unconnected)
•
High Power LED Driver
•
Shutdown mode draws only 7µA supply
•
Automotive
current
•
MSOP-8
DESCRIPTION
The LM3489 is a high efficiency PFET switching regulator controller that can be used to quickly and easily
develop a small, cost effective, switching buck regulator for a wide range of applications. The hysteretic control
architecture provides for simple design without any control loop stability concerns using a wide variety of external
components. The PFET architecture also allows for low component count as well as ultra-low dropout, 100%
duty cycle operation. Another benefit is high efficiency operation at light loads without an increase in output
ripple. A dedicated Enable Pin provides a shutdown mode drawing only 7µA. Leaving the Enable Pin
unconnected defaults to on.
Current limit protection can be implemented by measuring the voltage across the PFET’s RDS(ON), thus
eliminating the need for a sense resistor. A sense resistor may be used to improve current limit accuracy if
desired. The cycle-by-cycle current limit can be adjusted with a single resistor, ensuring safe operation over a
range of output currents.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3489

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
356Kb / 16P
Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller With Enable Pin
LM3489 TI2-LM3489 Datasheet
852Kb / 28P
LM3489x Hysteretic PFET Buck Controller With Enable Pin
REVISED DECEMBER 2016
LM3489-Q1 TI-LM3489-Q1 Datasheet
1,022Kb / 25P
Hysteretic PFET Buck Controller With Enable Pin
More results

Similar Description - LM3489

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
Hysteretic PFET Buck Controller With Enable Pin
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller With Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com