Electronic Components Datasheet Search
  English  ▼

X  

LM3489 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3489 Datasheet HTML 9Page - Texas Instruments LM3489 Datasheet HTML 10Page - Texas Instruments LM3489 Datasheet HTML 11Page - Texas Instruments LM3489 Datasheet HTML 12Page - Texas Instruments LM3489 Datasheet HTML 13Page - Texas Instruments LM3489 Datasheet HTML 14Page - Texas Instruments LM3489 Datasheet HTML 15Page - Texas Instruments LM3489 Datasheet HTML 16Page - Texas Instruments LM3489 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Ipk = IOUT +
'i
2
x 1.1
Ipk = IOUT +
'i
2
x 1.1
VIN - VDS - VOUT
L =
'i
x
D
f
ISENSE
ADJ
VIN
PGATE
FB
EN
LM3489
GND
PGND
1
2
3
4
5
6
7
8
VIN
VEN
R3
R4
VIN(UVLO_HYST) = VEN_HYST x 1+
R4
R3
LM3489
www.ti.com
SNVS443A – MAY 2006 – REVISED JUNE 2008
(8)
where VEN is the enable rising threshold voltage and VEN_HYST is the enable threshold hysteresis.
Figure 7. Adjustable UVLO
Design Information
Hysteretic control is a simple control scheme. However the operating frequency and other performance
characteristics highly depend on external conditions and components. If either the inductance, output
capacitance, ESR, VIN, or Cff is changed, there will be a change in the operating frequency and output ripple.
The best approach is to determine what operating frequency is desirable in the application and then begin with
the selection of the inductor and COUT ESR.
INDUCTOR SELECTION (L)
The important parameters for the inductor are the inductance and the current rating. The LM3489 operates over
a wide frequency range and can use a wide range of inductance values. A rule of thumb is to use the equations
used for National's Simple Switchers®. The equation for inductor ripple (
Δi) as a function of output current (IOUT)
is:
for Iout < 2.0Amps
Δi ≤ Iout x Iout
−0.366726
for Iout > 2.0Amps
Δi ≤ Iout x 0.3
The inductance can be calculated based upon the desired operating frequency where:
(9)
And
(10)
where D is the duty cycle, VD is the diode forward voltage, and VDS is the voltgae drop across the PFET.
The inductor should be rated to the following:
(11)
The inductance value and the resulting ripple is one of the key parameters controlling operating frequency. The
second is the inductor ESR that contribute to the steady state power loss due to current flowing through the
inductor.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com