Electronic Components Datasheet Search
  English  ▼

X  

LM3489 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3489 Datasheet HTML 8Page - Texas Instruments LM3489 Datasheet HTML 9Page - Texas Instruments LM3489 Datasheet HTML 10Page - Texas Instruments LM3489 Datasheet HTML 11Page - Texas Instruments LM3489 Datasheet HTML 12Page - Texas Instruments LM3489 Datasheet HTML 13Page - Texas Instruments LM3489 Datasheet HTML 14Page - Texas Instruments LM3489 Datasheet HTML 15Page - Texas Instruments LM3489 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
VIN(UVLO) = VEN 1 +
R4
R3
LM3489
SNVS443A – MAY 2006 – REVISED JUNE 2008
www.ti.com
EXTERNAL SENSE RESISTOR
The VDS of a PFET will tend to vary significantly over temperature. This will result an equivalent variation in
current limit. To improve current limit accuracy an external sense resistor can be connected from VIN to the
source of the PFET, as shown in Figure 6. The current sense resistor, RCS should have value comparable with
RDSON of the PFET used, typically in the range of 50mΩ to 200 mΩ. The equation in the Current Limit Operation
section can be used by replacing the RDSON with RCS.
Figure 6. Current Sensing by External Resistor
PGATE
When switching, the PGATE pin swings from VIN (off) to some voltage below VIN (on). How far the PGATE will
swing depends on several factors including the capacitance, on time, and input voltage.
PGATE voltage swing will increase with decreasing gate capacitance. Although PGATE voltage will typically be
around VIN-5V, with very small gate capacitances, this value can increase to a typical maximum of VIN-8.3V.
Additionally, PGATE swing voltage will increase as on time increases. During long on times, such as when
operating at 100% duty cycle, the PGATE voltage will eventually fall to its maximum voltage of VIN-8.3V (typical)
regardless of the PFET gate capacitance.
The PGATE voltage will not fall below 0.4V (typical). Therefore, when the input voltage falls below approximately
9V, the PGATE swing voltage range will be reduced. At an input voltage of 7V, for instance, PGATE will swing
from 7V to a minimum of 0.4V.
DEVICE ENABLE, SHUTDOWN
The LM3489 can be remotely shutdown by forcing the enable pin to ground. With EN pin grounded, the internal
blocks other than the enable logic are de-activated and the shutdown current of the device will be lowered to only
7µA (typical). Releasing the EN pin allows for normal operation to resume. The EN pin is internally pulled high
with the voltage clamped at 8V typical. For normal operation this pin should be left open. In case an external
voltage source is applied to this pin for enable control, the applied voltage should not exceed the maximum
operating voltage level specified in this datasheet, i.e. 5.5V.
ADJUSTABLE UVLO
The under-voltage-lockout function can be implemented as shown in Figure 6. By incorporating the feature of the
internal enable threshold, the lockout level can be programmed through an external potential divider formed with
R3 and R4. The input voltage information is detected and compared with the enable threshold and the device
operation will be inhibited when VIN drops below the preset UVLO level. The UVLO and hysteresis voltage can
be calculated as follows:
(7)
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM3489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com