Electronic Components Datasheet Search
  English  ▼

X  

LM5113 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 1 Page - Texas Instruments

  LM5113 Datasheet HTML 1Page - Texas Instruments LM5113 Datasheet HTML 2Page - Texas Instruments LM5113 Datasheet HTML 3Page - Texas Instruments LM5113 Datasheet HTML 4Page - Texas Instruments LM5113 Datasheet HTML 5Page - Texas Instruments LM5113 Datasheet HTML 6Page - Texas Instruments LM5113 Datasheet HTML 7Page - Texas Instruments LM5113 Datasheet HTML 8Page - Texas Instruments LM5113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM5113
www.ti.com
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
Check for Samples: LM5113
1
FEATURES
•
Excellent propagation delay matching (1.5ns
typical)
2
•
Independent high-side and low-side TTL logic
•
Supply rail under-voltage lockout
inputs
•
Low power consumption
•
1.2A/5A peak source/sink current
•
High-side floating bias voltage rail operates up
TYPICAL APPLICATIONS
to 100VDC
•
Current Fed Push-Pull converters
•
Internal bootstrap supply voltage clamping
•
Half and Full-Bridge converters
•
Split outputs for adjustable turn-on/turn-off
strength
•
Synchronous Buck converters
•
0.6
Ω /2.1Ω pull-down/pull-up resistance
•
Two-switch Forward converters
•
Fast propagation times (28ns typical)
•
Forward with Active Clamp converters
DESCRIPTION
The LM5113 is designed to drive both the high-side and the low-side enhancement mode Gallium Nitride (GaN)
FETs in a synchronous buck or a half bridge configuration. The floating high-side driver is capable of driving a
high-side enhancement mode GaN FET operating up to 100V. The high-side bias voltage is generated using a
bootstrap technique and is internally clamped at 5.2V, which prevents the gate voltage from exceeding the
maximum gate-source voltage rating of enhancement mode GaN FETs. The inputs of the LM5113 are TTL logic
compatible, and can withstand input voltages up to 14V regardless of the VDD voltage. The LM5113 has split
gate outputs, providing flexibility to adjust the turn-on and turn-off strength independently.
In addition, the strong sink capability of the LM5113 maintains the gate in the low state, preventing unintended
turn-on during switching. The LM5113 can operate up to several MHz. The LM5113 is available in a standard
LLP-10 pin package and a 12-bump micro SMD package. The LLP-10 pin package contains an exposed pad to
aid power dissipation. The micro SMD package offers a compact footprint and minimized package inductance.
Packages
•
LLP-10 (4 mm x 4 mm)
•
micro SMD (2 mm x 2 mm)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 24P
LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 26P
100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113-Q1 TI1-LM5113-Q1 Datasheet
2Mb / 26P
100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113QDPRRQ1 TI1-LM5113QDPRRQ1 Datasheet
2Mb / 26P
100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
More results

Similar Description - LM5113

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113_1211 TI1-LM5113_1211 Datasheet
2Mb / 24P
LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI-LM5113_15 Datasheet
2Mb / 21P
LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
LMG1205 TI1-LMG1205 Datasheet
1Mb / 24P
100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113-Q1 TI1-LM5113-Q1 Datasheet
2Mb / 26P
100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
STMicroelectronics
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com