Electronic Components Datasheet Search
  English  ▼

X  

LM5113 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5113 Datasheet HTML 8Page - Texas Instruments LM5113 Datasheet HTML 9Page - Texas Instruments LM5113 Datasheet HTML 10Page - Texas Instruments LM5113 Datasheet HTML 11Page - Texas Instruments LM5113 Datasheet HTML 12Page - Texas Instruments LM5113 Datasheet HTML 13Page - Texas Instruments LM5113 Datasheet HTML 14Page - Texas Instruments LM5113 Datasheet HTML 15Page - Texas Instruments LM5113 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM5113
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
www.ti.com
The LM5113 has an Under-voltage Lockout (UVLO) on both the VDD and bootstrap supplies. When the VDD
voltage is below the threshold voltage of 3.8V, both the HI and LI inputs are ignored, to prevent the GaN FETs
from being partially turned on. Also if there is sufficient VDD voltage, the UVLO will actively pull the LOL and
HOL low. When the HB to HS bootstrap voltage is below the UVLO threshold of 3.2V, only HOL is pulled low.
Both UVLO threshold voltages have 200mV of hysteresis to avoid chattering.
Bypass Capacitor
The VDD bypass capacitor provides the gate charge for the low-side and high-side transistors and to absorb the
reverse recovery charge of the bootstrap diode. The required bypass capacitance can be calculated as follows:
(1)
QgH and QgL are gate charge of the high-side and low-side transistors respectively. Qrr is the reverse recovery
charge of the bootstrap diode, which is typically around 4nC.
ΔV is the maximum allowable voltage drop across
the bypass capacitor. A 0.1uF or larger value, good quality, ceramic capacitor is recommended. The bypass
capacitor should be placed as close to the pins of the IC as possible to minimize the parasitic inductance.
Bootstrap Capacitor
The bootstrap capacitor provides the gate charge for the high-side switch, dc bias power for HB under-voltage
lockout circuit, and the reverse recovery charge of the bootstrap diode. The required bypass capacitance can be
calculated as follows:
(2)
IHB is the quiescent current of the high-side driver. ton is the maximum on-time period of the high-side transistor.
A good quality, ceramic capacitor should be used for the bootstrap capacitor. It is recommended to place the
bootstrap capacitor as close to the HB and HS pins as possible.
Power Dissipation
The power consumption of the driver is an important measure that determines the maximum achievable
operating frequency of the driver. It should be kept below the maximum power dissipation limit of the package at
the operating temperature. The total power dissipation of the LM5113 is the sum of the gate driver losses and the
bootstrap diode power loss.
The gate driver losses are incurred by charge and discharge of the capacitive load. It can be approximated as
(3)
CLoadH and CLoadL are the high-side and the low-side capacitive loads respectively. It can also be calculated with
the total input gate charge of the high-side and the low-side transistors as
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: LM5113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com