Electronic Components Datasheet Search
  English  ▼

X  

LM5113 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5113 Datasheet HTML 10Page - Texas Instruments LM5113 Datasheet HTML 11Page - Texas Instruments LM5113 Datasheet HTML 12Page - Texas Instruments LM5113 Datasheet HTML 13Page - Texas Instruments LM5113 Datasheet HTML 14Page - Texas Instruments LM5113 Datasheet HTML 15Page - Texas Instruments LM5113 Datasheet HTML 16Page - Texas Instruments LM5113 Datasheet HTML 17Page - Texas Instruments LM5113 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
(TJ - TA)
T
JA
P =
LM5113
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
www.ti.com
Figure 20. Reverse Recovery Power Loss of
Bootstrap Diode VIN=50V
The Load of High-Side Driver is a GaN FET
with Total Gate Charge of 10nC
The sum of the driver loss and the bootstrap diode loss is the total power loss of the IC. For a given ambient
temperature, the maximum allowable power loss of the IC can be defined as
(5)
Layout Considerations
Small gate capacitance and miller capacitance enable enhancement mode GaN FETs to operate with fast
switching speed. The induced high dv/dt and di/dt, coupled with a low gate threshold voltage and limited
headroom of enhancement mode GaN FETs gate voltage, make the circuit layout crucial to the optimum
performance. Following are some hints.
1. The first priority in designing the layout of the driver is to confine the high peak currents that charge and
discharge the GaN FETs gate into a minimal physical area. This will decrease the loop inductance and
minimize noise issues on the gate terminal of the GaN FETs. The GaN FETs should be placed close to the
driver.
2. The second high current path includes the bootstrap capacitor, the local ground referenced VDD bypass
capacitor and low-side GaN FET. The bootstrap capacitor is recharged on a cycle-by-cycle basis through the
bootstrap diode from the ground referenced VDD capacitor. The recharging occurs in a short time interval
and involves high peak current. Minimizing this loop length and area on the circuit board is important to
ensure reliable operation.
3. The parasitic inductance in series with the source of the high-side FET and the low-side FET can impose
excessive negative voltage transients on the driver. It is recommended to connect HS pin and VSS pin to the
respective source of the high-side and low-side transistors with a short and low-inductance path.
4. The parasitic source inductance, along with the gate capacitor and the driver pull-down path, can form a LCR
resonant tank, resulting in gate voltage oscillations. An optional resistor or ferrite bead can be used to damp
the ringing.
5. Low ESR/ESL capacitors must be connected close to the IC, between VDD and VSS pins and between the
HB and HS pins to support the high peak current being drawn from VDD during turn-on of the FETs. It is
most desirable to place the VDD decoupling capacitor and the HB to HS bootstrap capacitor on the same
side of the PC board as the driver. The inductance of vias can impose excessive ringing on the IC pins.
6. To prevent excessive ringing on the input power bus, good decoupling practices are required by placing low
ESR ceramic capacitors adjacent to the GaN FETs.
The following figures show recommended layout patterns for LLP-10 package and micro SMD package
respectively. Two cases are considered: (1) Without any gate resistors; (2) With an optional turn-on gate resistor.
It should be noted that 0402 SMD package is assumed for the passive components in the drawings. For
information on micro SMD package assembly, refer to Application Note AN-1112.
14
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: LM5113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com