Electronic Components Datasheet Search
  English  ▼

X  

TSC2017 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2017
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2017 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2017 Datasheet HTML 1Page - Texas Instruments TSC2017 Datasheet HTML 2Page - Texas Instruments TSC2017 Datasheet HTML 3Page - Texas Instruments TSC2017 Datasheet HTML 4Page - Texas Instruments TSC2017 Datasheet HTML 5Page - Texas Instruments TSC2017 Datasheet HTML 6Page - Texas Instruments TSC2017 Datasheet HTML 7Page - Texas Instruments TSC2017 Datasheet HTML 8Page - Texas Instruments TSC2017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TSC2017
SBAS472 – DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TYPICAL
TYPICAL
NO MISSING
INTEGRAL
GAIN
CODES
SPECIFIED
TRANSPORT
LINEARITY
ERROR
RESOLUTION
PACKAGE
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
(BITS)
TYPE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
Small Tape
TSC2017IYZGT
12-Pin,
and Reel, 250
TSC2017I
±1.5
0.1
11
3 x 4 Array,
YZG
–40°C to +85°C
TSC2017I
Tape and
WCSP
TSC2017IYZGR
Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see
the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
TSC2017
UNIT
Analog input X+, Y+, AUX to GND
–0.4 to VDD + 0.1
V
Voltage range
Analog input X–, Y– to GND
–0.4 to VDD + 0.1
V
VDD/REF pin to GND
–0.3 to +5
V
Digital input voltage to GND
–0.3 to VDD + 0.3
V
Digital output voltage to GND
–0.3 to VDD + 0.3
V
Power dissipation
(TJ Max - TA)/θJA
Low-K
113
Thermal impedance,
θJA
WCSP package
°C/W
High-K
62
Operating free-air temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Junction temperature, TJ Max
+150
°C
IEC contact discharge(2)
X+, X–, Y+, Y–
±15
kV
IEC air discharge(2)
X+, X–, Y+, Y–
±25
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum rated conditions for extended periods may affect device reliability.
(2)
Test method based on IEC standard 61000-4-2. Contact Texas Instruments for test details.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com