Electronic Components Datasheet Search
  English  ▼

X  

TSC2017 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2017
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2017 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSC2017 Datasheet HTML 4Page - Texas Instruments TSC2017 Datasheet HTML 5Page - Texas Instruments TSC2017 Datasheet HTML 6Page - Texas Instruments TSC2017 Datasheet HTML 7Page - Texas Instruments TSC2017 Datasheet HTML 8Page - Texas Instruments TSC2017 Datasheet HTML 9Page - Texas Instruments TSC2017 Datasheet HTML 10Page - Texas Instruments TSC2017 Datasheet HTML 11Page - Texas Instruments TSC2017 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TSC2017
SBAS472 – DECEMBER 2009
www.ti.com
TIMING REQUIREMENTS: I
2C High-Speed Mode (SCL = 3.4MHz)
All specifications typical at –40°C to +85°C, VDD = 1.6V, unless otherwise noted.
TWO-WIRE HIGH-SPEED MODE PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL clock frequency
fSCL
0
3.4
MHz
Hold time (repeated) START condition
tHD, STA
160
ns
Low period of SCL clock
tLOW
160
ns
High period of the SCL clock
tHIGH
60
ns
Setup time for a repeated START condition
tSU, STA
160
ns
Data hold time
tHD, DAT
0
70
ns
Data setup time
tSU, DAT
10
ns
Rise time for SCL signal (receiving)
tR
Cb = total bus capacitance
10
40
ns
Rise time for SDA signal (receiving)
tR
Cb = total bus capacitance
10
80
ns
Fall time for SCL signal (receiving)
tF
Cb = total bus capacitance
10
40
ns
Fall time for SDA signal (receiving)
tF
Cb = total bus capacitance
10
80
ns
Fall time for both SDA and SCL signals (transmitting)
tF
Cb = total bus capacitance
10
80
ns
Setup time for STOP condition
tSU, STO
160
ns
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
100
pF
8 bits
40 SCL + 127 CCLK, VDD = 1.8V
46.5
μs
Cycle time
12 bits
49 SCL + 148 CCLK, VDD = 1.8V
95.3
μs
8 bits
VDD = 1.8V
21.52
kSPS
Effective throughput
12 bits
VDD = 1.8V
10.49
kSPS
8 bits
VDD = 1.8V
150.65
kHz
Equivalent rate = effective throughput × 7
12 bits
VDD = 1.8V
73.46
kHz
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com