Electronic Components Datasheet Search
  English  ▼

X  

TSC2017 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2017
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2017 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2017 Datasheet HTML 5Page - Texas Instruments TSC2017 Datasheet HTML 6Page - Texas Instruments TSC2017 Datasheet HTML 7Page - Texas Instruments TSC2017 Datasheet HTML 8Page - Texas Instruments TSC2017 Datasheet HTML 9Page - Texas Instruments TSC2017 Datasheet HTML 10Page - Texas Instruments TSC2017 Datasheet HTML 11Page - Texas Instruments TSC2017 Datasheet HTML 12Page - Texas Instruments TSC2017 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
-40
-20
0
20
40
60
80
100
Temperature(°C)
100
80
60
40
20
0
V
=1.6V
DD
V
=3.6V
DD
V
=3.0V
DD
-40
-20
0
20
40
60
80
100
Temperature(°C)
350
300
250
200
150
100
50
0
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
600
500
400
300
200
100
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
V
(V)
DD
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
300
250
200
150
100
50
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
V
(V)
DD
T =+25 C
°
A
I CSpeed=400kHz
2
PD1=PD0=0
X,Y,ZConversionat200SSPS
withMAV
TouchSensorModeledBy:
2k
forX-Plane
W
2k
forY-Plane
W
1k
forZ(TouchResistance)
W
MAVBypassed
Temperature( C)
°
-40
-20
70
60
50
40
30
20
10
0
0
20
40
60
80
100
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
V
(V)
DD
1.2
1.6
2.0
2.4
2.8
3.2
250
200
150
100
50
0
3.6
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
TSC2017
www.ti.com
SBAS472 – DECEMBER 2009
TYPICAL CHARACTERISTICS
At TA = –40°C to +85°C, VDD = +1.6V to +3.6V, PD1 = PD0 = 0, Fast mode, 12-bit mode, non-continuous AUX measurement,
and MAV filter enabled (see MAV Filter section), unless otherwise noted.
POWER-DOWN SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 2.
Figure 3.
SUPPLY CURRENT
SUPPLY CURRENT
vs SUPPLY VOLTAGE (AUX Conversion)
vs SUPPLY VOLTAGE
Figure 4.
Figure 5.
SUPPLY CURRENT (Part Not Addressed)
SUPPLY CURRENT (Part Not Addressed)
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 6.
Figure 7.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com