Electronic Components Datasheet Search
  English  ▼

X  

TSC2017 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2017
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2017 Datasheet(HTML) 3 Page - Texas Instruments

  TSC2017 Datasheet HTML 1Page - Texas Instruments TSC2017 Datasheet HTML 2Page - Texas Instruments TSC2017 Datasheet HTML 3Page - Texas Instruments TSC2017 Datasheet HTML 4Page - Texas Instruments TSC2017 Datasheet HTML 5Page - Texas Instruments TSC2017 Datasheet HTML 6Page - Texas Instruments TSC2017 Datasheet HTML 7Page - Texas Instruments TSC2017 Datasheet HTML 8Page - Texas Instruments TSC2017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TSC2017
www.ti.com
SBAS472 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, VDD = +1.6V to +3.6V, unless otherwise noted.
TSC2017
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXILIARY ANALOG INPUT
Input voltage range
0
VDD
V
Input capacitance
12
pF
Input leakage current
–1
+1
μA
A/D CONVERTER
Resolution
Programmable: 8 or 12 bits
12
Bits
No missing codes
12-bit resolution
11
Bits
Integral linearity
±1.5
LSB(1)
VDD = 1.8V
–1.2
LSB
Offset error
VDD = 3.0V
–3.1
LSB
VDD = 1.8V
0.7
LSB
Gain error
VDD = 3.0V
0.1
LSB
TOUCH SENSORS
TA = +25°C, VDD = 1.8V, command '1011' set '0000'
51
k
Ω
PENIRQ pull-up resistor, RIRQ
TA = +25°C, VDD = 1.8V, command '1011' set '0001'
90
k
Ω
Y+, X+
6
Ω
Switch
on-resistance
Y–, X–
5
Ω
Switch drivers drive current(2)
100ms duration
50
mA
INTERNAL TEMPERATURE SENSOR
Temperature range
–40
+85
°C
VDD = 3V
1.94
°C/LSB
Differential
method(3)
VDD = 1.6V
1.04
°C/LSB
Resolution
VDD = 3V
0.35
°C/LSB
TEMP1(4)
VDD = 1.6V
0.19
°C/LSB
VDD = 3V
±2
°C/LSB
Differential
method(3)
VDD = 1.6V
±2
°C/LSB
Accuracy
VDD = 3V
±3
°C/LSB
TEMP1(4)
VDD = 1.6V
±3
°C/LSB
INTERNAL OSCILLATOR
VDD = 1.6V
3.61
MHz
VDD = 1.8V
3.66
MHz
8-Bit
VDD = 2.7V
3.78
MHz
VDD = 3.6V
3.82
MHz
Internal clock frequency, fCCLK
VDD = 1.6V
1.8
MHz
VDD = 1.8V
1.83
MHz
12-Bit
VDD = 2.7V
1.88
MHz
VDD = 3.6V
1.91
MHz
VDD = 1.6V
0.0056
%/°C
Frequency drift
VDD = 3.0V
0.012
%/°C
(1)
LSB means Least Significant Bit. With VDD/REF pin = +1.6V, one LSB is 391
μV.
(2)
Specified by design, but not tested. Exceeding 50mA source current may result in device degradation.
(3)
Difference between TEMP1 and TEMP2 measurement; no calibration necessary.
(4)
Temperature drift is –2.1mV/°C.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com