Electronic Components Datasheet Search
  English  ▼

X  

TSC2017 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2017
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2017 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSC2017 Datasheet HTML 8Page - Texas Instruments TSC2017 Datasheet HTML 9Page - Texas Instruments TSC2017 Datasheet HTML 10Page - Texas Instruments TSC2017 Datasheet HTML 11Page - Texas Instruments TSC2017 Datasheet HTML 12Page - Texas Instruments TSC2017 Datasheet HTML 13Page - Texas Instruments TSC2017 Datasheet HTML 14Page - Texas Instruments TSC2017 Datasheet HTML 15Page - Texas Instruments TSC2017 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
X+
Y+
X
-
Y
-
AuxiliaryInput
GND
TSC2017
GND
1 F
m
0.1 F
m
Touch
Screen
GPIO
SDA
SCL
Host
Processor
PENIRQ
SDA
SCL
1.2k
W
1.2k
W
1.8VDC
TSC2017
SBAS472 – DECEMBER 2009
www.ti.com
OVERVIEW
The TSC2017 is an analog interface circuit for a human interface touch screen device. All peripheral functions
are controlled through the command byte and onboard state machines. The TSC2017 features include:
•
Very low-power touch screen controller
•
Very small onboard footprint
•
Relieves host from tedious routine tasks by preprocessing, thus saving resources for more critical tasks
•
Ability to work on very low supply voltage
•
Minimal connection interface allows easiest isolation and reduces the number of dedicated I/O pins required
•
Miniature, yet complete; requires no external supporting component
•
Enhanced electrostatic discharge (ESD) protection
The TSC2017 consists of the following blocks (refer to the block diagram on the front page):
•
Touch Screen Sensor Interface
•
Auxiliary Input (AUX)
•
Temperature Sensor
•
Acquisition Activity Preprocessing
•
Internal Conversion Clock
•
I2C Interface
Communication with the TSC2017 is done via an I2C serial interface. The TSC2017 is an I2C slave device;
therefore, data are shifted into or out of the TSC2017 under control of the host microprocessor, which also
provides the serial data clock.
Control of the TSC2017 and its functions is accomplished by writing to the command register of an internal state
machine. A simple command protocol compatible with I2C is used to address this register.
A typical application of the TSC2017 is shown in Figure 19.
Figure 19. Typical Circuit Configuration
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com