Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5000 Datasheet(HTML) 5 Page - Texas Instruments

  LM5000 Datasheet HTML 1Page - Texas Instruments LM5000 Datasheet HTML 2Page - Texas Instruments LM5000 Datasheet HTML 3Page - Texas Instruments LM5000 Datasheet HTML 4Page - Texas Instruments LM5000 Datasheet HTML 5Page - Texas Instruments LM5000 Datasheet HTML 6Page - Texas Instruments LM5000 Datasheet HTML 7Page - Texas Instruments LM5000 Datasheet HTML 8Page - Texas Instruments LM5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
0
5
10
15
20
25
30
35
40
VIN (V)
0
50
100
150
200
250
300
350
400
25
oC
125
oC
-40
oC
TEMPERATURE (
oC)
1.2300
1.2400
1.2500
1.2600
1.2700
1.2800
-40 -20
0
20
40
60
80 100 120
0
5
10
15
20
25
30
35
40
VIN (V)
2
3
4
5
6
7
8
9
10
-40
oC
125
oC
25
oC
0
5
10
15
20
25
30
35
40
VIN (V)
2
3
4
5
6
7
8
9
10
-40
oC
125
oC
25
oC
-40
oC
25
oC
125
oC
1.000
1.200
1.400
1.600
1.800
2.000
2.200
2.400
2.600
2.800
3.000
VIN (V)
0
5
10
15
20
25
30
35
40
VIN (V)
1.000
1.200
1.400
1.600
1.800
2.000
2.200
2.400
2.600
2.800
3.000
0
5
10
15
20
25
30
35
40
-40
oC
25
oC
125
oC
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
Typical Performance Characteristics
Iq (non-switching)
Iq (non-switching)
vs
vs
VIN @ fSW = 300kHz
VIN @ fSW = 700kHz
Iq (switching)
Iq (switching)
vs
vs
VIN @ fSW = 300kHz
VIN @ fSW = 700kHz
Vfb
RDS(ON)
vs
vs
Temperature
VIN @ ISW =1A
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com