Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 9Page - Texas Instruments LM5000 Datasheet HTML 10Page - Texas Instruments LM5000 Datasheet HTML 11Page - Texas Instruments LM5000 Datasheet HTML 12Page - Texas Instruments LM5000 Datasheet HTML 13Page - Texas Instruments LM5000 Datasheet HTML 14Page - Texas Instruments LM5000 Datasheet HTML 15Page - Texas Instruments LM5000 Datasheet HTML 16Page - Texas Instruments LM5000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
m1 #
VINRDSON
L
(in V/s)
n = 1+
2mc
m1
(no unit)
Leff =
L
(D')
2
Z
c
(in rad/s)
2fs
nD'
#
ADC(DB) = 20log10
{[(ZcLeff)// RL]//RL} (in dB)
RFB1 + RFB2
RFB2
(
)
gmROD'
RDSON
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
(14)
(15)
(16)
(17)
mc
≊ 0.072fs (in A/s)
(18)
(19)
where RL is the minimum load resistance, VIN is the maximum input voltage, and RDSON is the value chosen from
the graph "RDSON vs. VIN " in the Typical Performance Characteristics section.
SWITCH VOLTAGE LIMITS
In a flyback regulator, the maximum steady-state voltage appearing at the switch, when it is off, is set by the
transformer turns ratio, N, the output voltage, VOUT, and the maximum input voltage, VIN (Max):
VSW(OFF) = VIN (Max) + (VOUT +VF)/N
(20)
where VF is the forward biased voltage of the output diode, and is typically 0.5V for Schottky diodes and 0.8V for
ultra-fast recovery diodes. In certain circuits, there exists a voltage spike, VLL, superimposed on top of the
steady-state voltage . Usually, this voltage spike is caused by the transformer leakage inductance and/or the
output rectifier recovery time. To “clamp” the voltage at the switch from exceeding its maximum value, a transient
suppressor in series with a diode is inserted across the transformer primary.
If poor circuit layout techniques are used, negative voltage transients may appear on the Switch pin. Applying a
negative voltage (with respect to the IC's ground) to any monolithic IC pin causes erratic and unpredictable
operation of that IC. This holds true for the LM5000 IC as well. When used in a flyback regulator, the voltage at
the Switch pin can go negative when the switch turns on. The “ringing” voltage at the switch pin is caused by the
output diode capacitance and the transformer leakage inductance forming a resonant circuit at the
secondary(ies). The resonant circuit generates the “ringing” voltage, which gets reflected back through the
transformer to the switch pin. There are two common methods to avoid this problem. One is to add an RC
snubber around the output rectifier(s). The values of the resistor and the capacitor must be chosen so that the
voltage at the Switch pin does not drop below
−0.4V. The resistor may range in value between 10Ω and 1 kΩ,
and the capacitor will vary from 0.001
μF to 0.1 μF. Adding a snubber will (slightly) reduce the efficiency of the
overall circuit.
The other method to reduce or eliminate the “ringing” is to insert a Schottky diode clamp between the SW pin
and the PGND pin. The reverse voltage rating of the diode must be greater than the switch off voltage.
OUTPUT VOLTAGE LIMITATIONS
The maximum output voltage of a boost regulator is the maximum switch voltage minus a diode drop. In a
flyback regulator, the maximum output voltage is determined by the turns ratio, N, and the duty cycle, D, by the
equation:
VOUT ≈ N × VIN × D/(1 − D)
(21)
The duty cycle of a flyback regulator is determined by the following equation:
(22)
Theoretically, the maximum output voltage can be as large as desired—just keep increasing the turns ratio of the
transformer. However, there exists some physical limitations that prevent the turns ratio, and thus the output
voltage, from increasing to infinity. The physical limitations are capacitances and inductances in the LM5000
switch, the output diode(s), and the transformer—such as reverse recovery time of the output diode (mentioned
above).
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com