Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 4Page - Texas Instruments LM5000 Datasheet HTML 5Page - Texas Instruments LM5000 Datasheet HTML 6Page - Texas Instruments LM5000 Datasheet HTML 7Page - Texas Instruments LM5000 Datasheet HTML 8Page - Texas Instruments LM5000 Datasheet HTML 9Page - Texas Instruments LM5000 Datasheet HTML 10Page - Texas Instruments LM5000 Datasheet HTML 11Page - Texas Instruments LM5000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM5000
SNVS176D – MAY 2004 – REVISED MARCH 2007
www.ti.com
Figure 4. 700 kHz operation, 48V output
Block Diagram
Boost Regulator Operation
The LM5000 utilizes a PWM control scheme to regulate the output voltage over all load conditions. The operation
can best be understood referring to the block diagram and Figure 5. At the start of each cycle, the oscillator sets
the driver logic and turns on the NMOS power device conducting current through the inductor, cycle 1 of Figure 5
(a). During this cycle, the voltage at the COMP pin controls the peak inductor current. The COMP voltage will
increase with larger loads and decrease with smaller. This voltage is compared with the summation of the SW
volatge and the ramp compensation.The ramp compensation is used in PWM architectures to eliminate the sub-
harmonic oscillations that occur during duty cycles greater than 50%. Once the summation of the ramp
compensation and switch voltage equals the COMP voltage, the PWM comparator resets the driver logic turning
off the NMOS power device. The inductor current then flows through the output diode to the load and output
capacitor, cycle 2 of Figure 5 (b). The NMOS power device is then set by the oscillator at the end of the period
and current flows through the inductor once again.
8
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com