Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5000 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 10Page - Texas Instruments LM5000 Datasheet HTML 11Page - Texas Instruments LM5000 Datasheet HTML 12Page - Texas Instruments LM5000 Datasheet HTML 13Page - Texas Instruments LM5000 Datasheet HTML 14Page - Texas Instruments LM5000 Datasheet HTML 15Page - Texas Instruments LM5000 Datasheet HTML 16Page - Texas Instruments LM5000 Datasheet HTML 17Page - Texas Instruments LM5000 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LM5000
SNVS176D – MAY 2004 – REVISED MARCH 2007
www.ti.com
INPUT LINE CONDITIONING
A small, low-pass RC filter should be used at the input pin of the LM5000 if the input voltage has an unusually
large amount of transient noise. Additionally, the RC filter can reduce the dissipation within the device when the
input voltage is high.
Flyback Regulator Operation
The LM5000 is ideally suited for use in the flyback regulator topology. The flyback regulator can produce a single
output voltage, or multiple output voltages.
The operation of a flyback regulator is as follows: When the switch is on, current flows through the primary
winding of the transformer, T1, storing energy in the magnetic field of the transformer. Note that the primary and
secondary windings are out of phase, so no current flows through the secondary when current flows through the
primary. When the switch turns off, the magnetic field collapses, reversing the voltage polarity of the primary and
secondary windings. Now rectifier D5 is forward biased and current flows through it, releasing the energy stored
in the transformer. This produces voltage at the output.
The output voltage is controlled by modulating the peak switch current. This is done by feeding back a portion of
the output voltage to the error amp, which amplifies the difference between the feedback voltage and a 1.259V
reference. The error amp output voltage is compared to a ramp voltage proportional to the switch current (i.e.,
inductor current during the switch on time). The comparator terminates the switch on time when the two voltages
are equal, thereby controlling the peak switch current to maintain a constant output voltage.
Figure 7. LM5000 Flyback Converter
ITEM
PART NUMBER
DESCRIPTION
VALUE
C
1
C4532X7R2A105MT
Capacitor, CER, TDK
1µ, 100V
C
2
C4532X7R2A105MT
Capacitor, CER, TDK
1µ, 100V
C
3
C1206C224K5RAC
Capacitor, CER, KEMET
0.22µ, 50V
C
4
C1206C104K5RAC
Capacitor, CER, KEMET
0.1µ, 50V
C
5
C1206C104K5RAC
Capacitor, CER, KEMET
0.1µ, 50V
14
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com