Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38859 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 3Page - Texas Instruments LP38859 Datasheet HTML 4Page - Texas Instruments LP38859 Datasheet HTML 5Page - Texas Instruments LP38859 Datasheet HTML 6Page - Texas Instruments LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LP38859
www.ti.com
SNVS337D – JUNE 2006 – REVISED OCTOBER 2011
Typical Performance Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VOUT(NOM) + 1V, VBIAS = 3.0V, IOUT = 10 mA, CIN = COUT = 10 µF Ceramic, CBIAS =
1 µF Ceramic, CSS = open.
VIN Line Transient Response
VBIAS Line Transient Response
Figure 15.
Figure 16.
VBIAS Line Transient Response
Load Transient Response, COUT = 10 µF Ceramic
Figure 17.
Figure 18.
Load Transient Response, COUT = 10 µF Ceramic
Load Transient Response, COUT = 100 µF Ceramic
Figure 19.
Figure 20.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com