Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38859 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 5Page - Texas Instruments LP38859 Datasheet HTML 6Page - Texas Instruments LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments LP38859 Datasheet HTML 12Page - Texas Instruments LP38859 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
GND
OUT
IN
BIAS
SS
Under-Voltage
Lock-Out
Thermal
Shut Down
VREF
0.6V
ILIMIT
LP38859-x.x
rSS
LP38859
www.ti.com
SNVS337D – JUNE 2006 – REVISED OCTOBER 2011
Block Diagram
APPLICATION INFORMATION
EXTERNAL CAPACITORS
To assure regulator stability, input and output capacitors are required as shown in the Typical Application Circuit.
Output Capacitor
A minimum output capacitance of 10 µF, ceramic, is required for stability. The amount of output capacitance can
be increased without limit. The output capacitor must be located less than 1 cm from the output pin of the IC and
returned to the device ground pin with a clean analog ground.
Only high quality ceramic types such as X5R or X7R should be used, as the Z5U and Y5F types do not provide
sufficient capacitance over temperature.
Tantalum capacitors will also provide stable operation across the entire operating temperature range. However,
the effects of ESR may provide variations in the output voltage during fast load transients. Using the minimum
recommended 10 µF ceramic capacitor at the output will allow unlimited capacitance, Tantalum and/or
Aluminum, to be added in parallel.
Input Capacitor
The input capacitor must be at least 10 µF, but can be increased without limit. It's purpose is to provide a low
source impedance for the regulator input. A ceramic capacitor, X5R or X7R, is recommended.
Tantalum capacitors may also be used at the input pin. There is no specific ESR limitation on the input capacitor
(the lower, the better).
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com