Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38859 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments LP38859 Datasheet HTML 12Page - Texas Instruments LP38859 Datasheet HTML 13Page - Texas Instruments LP38859 Datasheet HTML 14Page - Texas Instruments LP38859 Datasheet HTML 15Page - Texas Instruments LP38859 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
THA d TJA - (TCH + TJC)
d
'
TJ
PD
TJA
'TJ = TJ(MAX) - TA(MAX)
LP38859
SNVS337D – JUNE 2006 – REVISED OCTOBER 2011
www.ti.com
The first part is the power that is dissipated in the NMOS pass element, and can be determined with the formula:
PD(PASS) = (VIN - VOUT) × IOUT
(2)
The second part is the power that is dissipated in the bias and control circuitry, and can be determined with the
formula:
PD(BIAS) = VBIAS × IGND(BIAS)
where
•
IGND(BIAS) is the portion of the operating ground current of the device that is related to VBIAS.
(3)
The third part is the power that is dissipated in portions of the output stage circuitry, and can be determined with
the formula:
PD(IN) = VIN × IGND(IN)
where
•
IGND(IN) is the portion of the operating ground current of the device that is related to VIN.
(4)
The total power dissipation is then:
PD = PD(PASS) + PD(BIAS) + PD(IN)
(5)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum anticipated ambient
temperature (TA) for the application, and the maximum allowable operating junction temperature (TJ(MAX)) .
(6)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
(7)
Heat-Sinking The TO-220 Package
The TO-220 package has a
θJA rating of 60°C/W and a θJC rating of 3°C/W. These ratings are for the package
only, no additional heat-sinking, and with no airflow. If the needed
θJA, as calculated above, is greater than or
equal to 60°C/W then no additional heat-sinking is required since the package can safely dissipate the heat and
not exceed the operating TJ(MAX). If the needed θJA is less than 60°C/W then additional heat-sinking is needed.
The thermal resistance of a TO-220 package can be reduced by attaching it to a heat sink or a copper plane on
a PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for
DDPAK/TO-263 package.
The heat-sink to be used in the application should have a heat-sink to ambient thermal resistance,
θHA:
where
•
θJA is the required total thermal resistance from the junction to the ambient air
•
θCH is the thermal resistance from the case to the surface of the heart-sink
•
θJC is the thermal resistance from the junction to the surface of the case.
(8)
For this equation,
θJC is about 3°C/W for a TO-220 package. The value for θCH depends on method of
attachment, insulator, etc.
θCH varies between 1.5°C/W to 2.5°C/W. Consult the heat-sink manufacturer
datasheet for details and recommendations.
Heat-Sinking The DDPAK/TO-263 Package
The DDPAK/TO-263 package has a
θJA rating of 60°C/W, and a θJC rating of 3°C/W. These ratings are for the
package only, no additional heat-sinking, and with no airflow.
The DDPAK/TO-263 package uses the copper plane on the PCB as a heat-sink. The tab of this package is
soldered to the copper plane for heat sinking. shows a curve for the
θJA of DDPAK/TO-263 package for different
copper area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area for heat-
sinking.
12
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com