Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 5 Page - Texas Instruments

  LM3370 Datasheet HTML 1Page - Texas Instruments LM3370 Datasheet HTML 2Page - Texas Instruments LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM3370
www.ti.com
SNVS406M – NOVEMBER 2005 – REVISED AUGUST 2011
Pin #
Name
Description
D2
PGND2_S
Buck 2 Power Ground Sense
D3
EN2
Buck 2 Enable
D4
EN1
Buck 1 Enable
E1
SW2
Buck 2 Switch Pin
E2
VIN2
Power supply voltage input to PFET and NFET switches for Buck 2
E3
SGND
Signal GND
E4
FB2
Analog feedback for Buck 2
I
2C CONTROLLED FEATURES
Features
Parameter
Comments
Output Voltage
VOUT1 & VOUT2
Output voltage is controlled via I2C-
compatible
Modes
Buck 1 & Buck 2
Mode can be controlled via I2C
compatible by either forcing device
in Auto mode or forced PWM mode
Spread Spectrum
Buck 1 & Buck 2
Spread Spectrum capability via I2C-
compatible for noise reduction
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VIN1 , VIN2 VDD to PGND & SGND
−0.2V to 6V
PGND to SGND
−0.2V to +0.2V
SDA, SCL, EN, EN2, nPOR1, nPOR2, SW1, SW2, FB1 & FB2
(GND - 0.2) to (VIN + 0.2V)
Maximum Continuous Power
Dissipation (PD_MAX)
(3)
Internally Limited
Junction Temperature (TJ-MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
(Soldering)
(4)
ESD Ratings (5)
All Pins
2 kV HBM
200V MM
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the Electrical Characteristics tables.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. The thermal shutdown engages at TJ = 150°C (typ.)
and disengages at TJ = 140°C(typ.).
(4)
For detailed soldering specifications and information, please refer to National Semiconductor Application Note 1187: Leadless
Leadframe Package (LLP) (AN-1187).
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine
model is a 200 pF capacitor discharged directly into each pin. (EAIJ)
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com